Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB017D0272 Datasheet(PDF) 2 Page - AVX Corporation

Part # CB017D0272
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017D0272 Datasheet(HTML) 2 Page - AVX Corporation

  CB017D0272 Datasheet HTML 1Page - AVX Corporation CB017D0272 Datasheet HTML 2Page - AVX Corporation CB017D0272 Datasheet HTML 3Page - AVX Corporation CB017D0272 Datasheet HTML 4Page - AVX Corporation CB017D0272 Datasheet HTML 5Page - AVX Corporation CB017D0272 Datasheet HTML 6Page - AVX Corporation CB017D0272 Datasheet HTML 7Page - AVX Corporation CB017D0272 Datasheet HTML 8Page - AVX Corporation CB017D0272 Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
21
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
VOLTAGE Vdc: 25V Vac: 16V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.001μF
CB017C0102+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0012
CB017C0122+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0015
CB017C0152+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0018
CB017C0182+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0022
CB017C0222+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0027
CB017C0272+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0033
CB017C0332+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0047
CB017C0472+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0056
CB017C0562+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0068
CB017C0682+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0082
CB017C0822+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.010μF
CB017C0103+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.012
CB017C0123+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.015
CB017C0153+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.018
CB017C0183+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.022
CB017C0223+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.027
CB027C0273+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
( 7.087)
(0.331)
(0.567)
0.033
CB027C0333+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
( 7.087)
(0.331)
(0.567)
0.047
CB027C0473+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
( 7.087)
(0.331)
(0.567)
0.056
CB027C0563+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
( 7.087)
(0.331)
(0.567)
0.068
CB027C0683+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
( 7.087)
(0.331)
(0.567)
0.082
CB027C0823+ --
3.30
2.50
2.20
0.50
8.00
4.00
2.33
180
8.40
14.4
2000
2000
BA
(0.130)
(0.098)
(0.087)
(0.020)
(0.315)
(0.158)
(0.092)
( 7.087)
(0.331)
(0.567)
0.100μF
CB027C0104+ --
3.30
2.50
2.30
0.50
8.00
4.00
2.33
180
8.40
14.4
2000
2000
BA
(0.130)
(0.098)
(0.091)
(0.020)
(0.315)
(0.158)
(0.092)
( 7.087)
(0.331)
(0.567)
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA = tape & reel
millimeters (inches)
W
L
H
T


Similar Part No. - CB017D0272

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017D0272 AVX-CB017D0272 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Similar Description - CB017D0272

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com