Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF840 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # IRF840
Description  500V N-Channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF840 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  IRF840 Datasheet HTML 1Page - Fairchild Semiconductor IRF840 Datasheet HTML 2Page - Fairchild Semiconductor IRF840 Datasheet HTML 3Page - Fairchild Semiconductor IRF840 Datasheet HTML 4Page - Fairchild Semiconductor IRF840 Datasheet HTML 5Page - Fairchild Semiconductor IRF840 Datasheet HTML 6Page - Fairchild Semiconductor IRF840 Datasheet HTML 7Page - Fairchild Semiconductor IRF840 Datasheet HTML 8Page - Fairchild Semiconductor IRF840 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
November 2001
Rev. A, November 2001
IRF840B/IRFS840B
500V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for high efficiency switch mode power supplies,
power factor correction and electronic lamp ballasts based
on half bridge.
Features
• 8.0A, 500V, RDS(on) = 0.8Ω @VGS = 10 V
• Low gate charge ( typical 41 nC)
• Low Crss ( typical 35 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
* Drain current limited by maximum junction temperature.
Thermal Characteristics
Symbol
Parameter
IRF840B
IRFS840B
Units
VDSS
Drain-Source Voltage
500
V
ID
Drain Current
- Continuous (TC = 25°C)
8.0
8.0
A
- Continuous (TC = 100°C)
5.1
5.1
A
IDM
Drain Current
- Pulsed
(Note 1)
32
32
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
320
mJ
IAR
Avalanche Current
(Note 1)
8.0
A
EAR
Repetitive Avalanche Energy
(Note 1)
13.4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
3.5
V/ns
PD
Power Dissipation (TC = 25°C)
134
44
W
- Derate above 25°C
1.08
0.35
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
IRF840B
IRFS840B
Units
RθJC
Thermal Resistance, Junction-to-Case Max.
0.93
2.86
°C/W
RθCS
Thermal Resistance, Case-to-Sink Typ.
0.5
--
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient Max.
62.5
62.5
°C/W
TO-220
IRF Series
G
S
D
S
D
G
TO-220F
IRFS Series
G
S
D


Similar Part No. - IRF840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Suntac Electronic Corp.
IRF840 SUNTAC-IRF840 Datasheet
132Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
IRF840 ETC2-IRF840 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
Inchange Semiconductor ...
IRF840 ISC-IRF840 Datasheet
118Kb / 2P
   isc N-Channel Mosfet Transistor
More results

Similar Description - IRF840

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA13N50CF FAIRCHILD-FQA13N50CF_07 Datasheet
767Kb / 9P
   500V N-Channel MOSFET
FQD3N50C FAIRCHILD-FQD3N50C_08 Datasheet
900Kb / 9P
   500V N-Channel MOSFET
FQPF5N50CF FAIRCHILD-FQPF5N50CF Datasheet
657Kb / 8P
   500V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP5N50S SEMIHOW-HFP5N50S Datasheet
785Kb / 8P
   500V N-Channel MOSFET
HFP13N50S SEMIHOW-HFP13N50S Datasheet
946Kb / 8P
   500V N-Channel MOSFET
HFS13N50S SEMIHOW-HFS13N50S Datasheet
859Kb / 7P
   500V N-Channel MOSFET
logo
Tiger Electronic Co.,Lt...
FQD5N50 TGS-FQD5N50 Datasheet
554Kb / 2P
   500V N-Channel MOSFET
logo
Fairchild Semiconductor
FQD1N50TF FAIRCHILD-FQD1N50TF Datasheet
833Kb / 9P
   500V N-Channel MOSFET
FQPF9N50YDTU FAIRCHILD-FQPF9N50YDTU Datasheet
723Kb / 8P
   500V N-Channel MOSFET
FQA24N50F FAIRCHILD-FQA24N50F Datasheet
620Kb / 8P
   500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
   500V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com