Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB037D0182 Datasheet(PDF) 10 Page - AVX Corporation

Part # CB037D0182
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB037D0182 Datasheet(HTML) 10 Page - AVX Corporation

Back Button CB037D0182 Datasheet HTML 6Page - AVX Corporation CB037D0182 Datasheet HTML 7Page - AVX Corporation CB037D0182 Datasheet HTML 8Page - AVX Corporation CB037D0182 Datasheet HTML 9Page - AVX Corporation CB037D0182 Datasheet HTML 10Page - AVX Corporation CB037D0182 Datasheet HTML 11Page - AVX Corporation CB037D0182 Datasheet HTML 12Page - AVX Corporation CB037D0182 Datasheet HTML 13Page - AVX Corporation CB037D0182 Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
29
VOLTAGE Vdc: 250V Vac: 160V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.022
CB037G0223+ --
4.70
3.20
2.90
0.60
12.0
8.00
3.10
180
12.4
18.4
1500
700
BA
(0.185)
(0.126)
(0.114)
(0.024)
(0.472)
(0.315)
(0.122)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.90
0.60
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.185)
(0.126)
(0.114)
(0.024)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.027
CB047G0273+ --
5.80
5.00
1.80
0.80
12.0
8.00
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.071)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.033
CB047G0333+ --
5.80
5.00
2.20
0.80
12.0
8.00
2.43
330
12.4
18.4
1500
3500
BC
(0.228)
(0.195)
(0.087)
(0.032)
(0.472)
(0.315)
(0.096)
(12.99)
(0.488)
(0.724)
0.047
CB047G0473+ --
5.80
5.00
2.90
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.114)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.056
CB047G0563+ --
5.80
5.00
2.90
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.114)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.068
CB047G0683+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.161)
(12.99)
(0.488)
(0.724)
0.082
CB047G0823+ --
5.80
5.00
4.50
0.80
16.0
8.00
4.60
330
16.4
22.4
1500
1900
BC
(0.228)
(0.195)
(0.177)
(0.032)
(0.629)
(0.315)
(0.181)
(12.99)
(0.645)
(0.881)
0.100μF
CB047G0104+ --
5.80
5.00
4.50
0.80
16.0
8.00
4.60
330
16.4
22.4
1500
1900
BC
(0.228)
(0.195)
(0.177)
(0.032)
(0.629)
(0.315)
(0.181)
(12.99)
(0.645)
(0.881)
0.120
CB057G0124+ --
7.20
6.10
3.90
0.80
24.0
12.0
4.80
330
24.4
30.4
1000
1800
BC
(0.283)
(0.240)
(0.153)
(0.032)
(0.944)
(0.472)
(0.189)
(12.99)
(0.961)
(1.196)
0.150
CB057G0154+ --
7.20
6.10
4.70
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.283)
(0.240)
(0.185)
(0.032)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.180
CB057G0184+ --
7.20
6.10
5.00
0.80
16.0
12.0
5.23
330
16.4
22.4
1000
1100
BC
(0.283)
(0.240)
(0.197)
(0.032)
(0.629)
(0.472)
(0.206)
(12.99)
(0.645)
(0.881)
0.22μF
CB057G0224+ --
7.20
6.10
5.70
0.80
16.0
12.0
5.90
330
16.4
22.4
1000
900
BC
(0.283)
(0.240)
(0.225)
(0.032)
(0.629)
(0.472)
(0.232)
(12.99)
(0.645)
(0.881)
0.330
CB167G0334+ --
10.5
7.60
6.10
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.240)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
0.470
CB177G0474+ --
12.8
10.2
5.50
0.80
24.0
16.0
5.70
330
24.4
30.4
300
700
BC
(0.503)
(0.402)
(0.205)
(0.032)
(0.944)
(0.629)
(0.224)
(12.99)
(0.961)
(1.196)
0.560
CB177G0564+ --
12.8
10.2
6.00
0.80
24.0
16.0
5.70
330
24.4
30.4
300
700
BC
(0.503)
(0.402)
(0.236)
(0.032)
(0.944)
(0.629)
(0.224)
(12.99)
(0.961)
(1.196)
0.680
CB187G0684+ --
15.3
13.7
4.30
0.80
24.0
24.0
4.50
330
24.4
30.4
300
600
BC
(0.601)
(0.539)
(0.169)
(0.032)
(0.944)
(0.944)
(0.177)
(12.99)
(0.961)
(1.196)
1μF
CB187G0105+ --
15.3
13.7
6.40
0.80
24.0
24.0
6.30
330
24.4
30.4
300
400
BC
(0.601)
(0.539)
(0.252)
(0.032)
(0.944)
(0.944)
(0.248)
(12.99)
(0.961)
(1.196)
VOLTAGE Vdc: 400V Vac: 200V
0.001μF
CB037I0102+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0012
CB037I0122+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0015
CB037I0152+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.09)
(0.488)
(0.724)
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


Similar Part No. - CB037D0182

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB037D0224JBA AVX-CB037D0224JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
More results

Similar Description - CB037D0182

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com