Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFM224B Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # IRFM224B
Description  250V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRFM224B Datasheet(HTML) 4 Page - Fairchild Semiconductor

  IRFM224B Datasheet HTML 1Page - Fairchild Semiconductor IRFM224B Datasheet HTML 2Page - Fairchild Semiconductor IRFM224B Datasheet HTML 3Page - Fairchild Semiconductor IRFM224B Datasheet HTML 4Page - Fairchild Semiconductor IRFM224B Datasheet HTML 5Page - Fairchild Semiconductor IRFM224B Datasheet HTML 6Page - Fairchild Semiconductor IRFM224B Datasheet HTML 7Page - Fairchild Semiconductor IRFM224B Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. B, November 2001
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
3
10
-1
10
0
10
1
10
2
※ No te s :
1 . Z
θ
JC(t) = 5 0
℃ /W M a x .
2 . D u ty F a c to r , D = t
1 /t 2
3 . T
JM - T C
= P
DM * Z θ
JC(t)
s in g le p u ls e
D= 0 .5
0. 0 2
0. 2
0. 0 5
0. 1
0. 0 1
t
1 , S q uar e W a v e P u l s e D u r a t i o n [ s ec ]
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
T
C, Case Temperature [
℃]
10
-1
10
0
10
1
10
2
10
-3
10
-2
10
-1
10
0
10
1
10
µs
100
µs
1 ms
DC
100 ms
10 ms
Operation in This Area
is Limited by R
DS(on)
※ Notes :
1. T
C
= 25
o
C
2. T
J = 150
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
※ Notes :
1. V
GS
= 10 V
2. I
D = 0.46 A
T
J, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
※Notes:
1. V
GS = 0 V
2. I
D = 250
μ A
T
J, Junction Temperature [
o
C]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs Case Temperature
Figure 7. Breakdown Voltage Variation
vs Temperature
Figure 8. On-Resistance Variation
vs Temperature
Figure 11. Transient Thermal Response Curve
t
1
PDM
t
2


Similar Part No. - IRFM224B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRFM220A FAIRCHILD-IRFM220A Datasheet
277Kb / 7P
   Advanced Power MOSFET
IRFM220B FAIRCHILD-IRFM220B Datasheet
727Kb / 8P
   200V N-Channel MOSFET
More results

Similar Description - IRFM224B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
IRFW634B FAIRCHILD-IRFW634B Datasheet
649Kb / 9P
   250V N-Channel MOSFET
IRFW644B FAIRCHILD-IRFW644B Datasheet
685Kb / 9P
   250V N-Channel MOSFET
IRF614B FAIRCHILD-IRF614B Datasheet
855Kb / 10P
   250V N-Channel MOSFET
FQB8N25 FAIRCHILD-FQB8N25 Datasheet
593Kb / 9P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com