Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZ3V9J Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDZ3V9J
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDZ3V9J Datasheet(HTML) 4 Page - NXP Semiconductors

  TDZ3V9J Datasheet HTML 1Page - NXP Semiconductors TDZ3V9J Datasheet HTML 2Page - NXP Semiconductors TDZ3V9J Datasheet HTML 3Page - NXP Semiconductors TDZ3V9J Datasheet HTML 4Page - NXP Semiconductors TDZ3V9J Datasheet HTML 5Page - NXP Semiconductors TDZ3V9J Datasheet HTML 6Page - NXP Semiconductors TDZ3V9J Datasheet HTML 7Page - NXP Semiconductors TDZ3V9J Datasheet HTML 8Page - NXP Semiconductors TDZ3V9J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TDZXJ_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2011
4 of 12
NXP Semiconductors
TDZxJ series
Single Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 s; square wave; Tj =25 C before surge.
Table 8.
Characteristics per type; Zener TDZ2V4J to Zener TDZ24J
Tj =25 C unless otherwise specified.
TDZxxxJ Working voltage
VZ (V)
Differential
resistance
rdif ()
Reverse current
IR (A)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5 mA
IZ =1mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V)
Min
Max
Max
Max
2V4
2.35
2.45
400
100
50
1.0
3.5
0
450
15
2V7
2.65
2.75
450
100
20
1.0
3.5
0
440
15
3V0
2.94
3.06
500
95
10
1.0
3.5
0
425
15
3V3
3.23
3.37
500
95
5
1.0
3.5
0
410
15
3V6
3.53
3.67
500
90
5
1.0
3.5
0
390
15
3V9
3.82
3.98
500
90
3
1.0
3.5
0
370
15
4V3
4.21
4.39
600
90
3
1.0
3.5
0
350
15
4V7
4.61
4.79
500
80
3
2.0
3.5
0.2
325
15
5V1
5.00
5.20
480
60
2
2.0
2.7
1.2
300
15
5V6
5.49
5.71
400
40
10
2.5
22.5
275
15
6V2
6.08
6.32
150
10
3
4.0
0.4
3.7
250
12
6V8
6.66
6.94
80
15
2
4.0
1.2
4.5
215
12
7V5
7.5
7.65
80
10
1
5.0
2.5
5.3
170
4.0
8V2
8.04
8.36
80
10
0.70
5.0
3.2
6.2
150
4.0
9V1
8.92
9.28
100
10
0.50
6.0
3.8
7.0
120
3.0
10
9.80
10.20
150
10
0.20
7.0
4.5
8.0
110
3.0
11
10.80
11.20
150
10
0.10
8.0
5.4
9.0
108
2.5
12
11.80
12.20
150
10
0.10
8.0
6.0
10
105
2.5
13
12.70
13.30
170
10
0.10
8.0
7.0
11
103
2.5
15
14.70
15.30
200
15
0.05
10.5
9.2
13
99
2.0
16
15.70
16.30
200
20
0.05
11.2
10.4
14
97
1.5
18
17.6
18.4
225
20
0.05
12.6
12.4
16
93
1.5
20
19.6
20.4
225
20
0.05
14.0
14.4
18
88
1.5
22
21.6
22.4
250
25
0.05
15.4
16.4
20
84
1.25
24
23.5
24.5
250
30
0.05
16.8
18.4
22
80
1.25
Table 9.
Characteristics per type; Zener TDZ5V6J
Tj =25 C unless otherwise specified.
TDZxxxJ
Working voltage
VZ (V)
Differential resistance
rdif ()
Temperature coefficient
SZ (mV/K)
IZ =10 mA
IZ =0.5 mA
IZ =10mA
IZ =5mA
Min
Max
Max
Max
Min
Max
5V6
5.20
6.00
500
7
1.7
2.8


Similar Part No. - TDZ3V9J

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
TDZ3V9J NEXPERIA-TDZ3V9J Datasheet
997Kb / 12P
   Single Zener diodes
TDZ3V9J NEXPERIA-TDZ3V9J Datasheet
995Kb / 12P
   Single Zener diodes
Rev. 2 - 29 July 2011
More results

Similar Description - TDZ3V9J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com