Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB017E0102 Datasheet(PDF) 8 Page - AVX Corporation

Part # CB017E0102
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017E0102 Datasheet(HTML) 8 Page - AVX Corporation

Back Button CB017E0102 Datasheet HTML 4Page - AVX Corporation CB017E0102 Datasheet HTML 5Page - AVX Corporation CB017E0102 Datasheet HTML 6Page - AVX Corporation CB017E0102 Datasheet HTML 7Page - AVX Corporation CB017E0102 Datasheet HTML 8Page - AVX Corporation CB017E0102 Datasheet HTML 9Page - AVX Corporation CB017E0102 Datasheet HTML 10Page - AVX Corporation CB017E0102 Datasheet HTML 11Page - AVX Corporation CB017E0102 Datasheet HTML 12Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
27
VOLTAGE Vdc: 100V Vac: 63V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.082
CB037E0823+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.100μF
CB037E0104+ --
4.70
3.20
3.00
0.60
12.0
8.00
3.10
180
12.4
18.4
1500
700
BA
(0.185)
(0.126)
(0.118)
(0.024)
(0.472)
(0.315)
(0.122)
(7.087)
(0.488)
(0.724)
4.70
3.20
3.00
0.60
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.185)
(0.126)
(0.118)
(0.024)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.120
CB047E0124+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.150
CB047E0154+ --
5.80
5.00
3.30
0.80
12.0
8.00
3.45
330
12.4
18.4
1500
2800
BC
(0.228)
(0.195)
(0.130)
(0.032)
(0.472)
(0.315)
(0.136)
(12.99)
(0.488)
(0.724)
0.180
CB047E0184+ --
5.80
5.00
3.00
0.80
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.228)
(0.195)
(0.118)
(0.032)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.220
CB047E0224+ --
5.80
5.00
4.00
0.80
12.0
8.00
4.10
330
12.4
18.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.472)
(0.315)
(0.162)
(12.99)
(0.488)
(0.724)
0.330
CB047E0334+ --
5.80
5.00
4.00
0.80
16.0
8.00
4.10
330
16.4
22.4
1500
2300
BC
(0.228)
(0.195)
(0.158)
(0.032)
(0.629)
(0.315)
(0.162)
(12.99)
(0.645)
(0.881)
0.47*
CB057E0474+ --
7.30
6.10
4.50
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.287)
(0.240)
(0.177)
(0.032)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.56*
CB057E0564+ --
7.30
6.10
4.00
0.80
16.0
12.0
4.10
330
16.4
22.4
1000
2300
BC
(0.287)
(0.240)
(0.158)
(0.032)
(0.629)
(0.472)
(0.162)
(12.99)
(0.645)
(0.881)
0.68*
CB057E0684+ --
7.30
6.10
4.50
0.80
16.0
12.0
4.80
330
16.4
22.4
1000
1800
BC
(0.287)
(0.240)
(0.177)
(0.032)
(0.629)
(0.472)
(0.189)
(12.99)
(0.645)
(0.881)
0.82
CB167E0824+ --
10.5
7.6
5.80
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.229)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
1
CB167E0105+ --
10.5
7.60
6.00
0.80
24.0
12.0
6.19
330
24.4
30.4
500
900
BC
(0.413)
(0.299)
(0.237)
(0.032)
(0.944)
(0.472)
(0.244)
(12.99)
(0.961)
(1.196)
1.5
CB177E0155+ --
12.8
10.2
5.50
0.80
24.0
16.0
5.70
330
24.4
30.4
300
700
BC
(0.503)
(0.402)
(0.217)
(0.032)
(0.944)
(0.629)
(0.224)
(12.99)
(0.961)
(1.196)
2.2
CB177E0225+ --
12.8
10.2
6.90
0.80
24.0
16.0
7.00
330
24.4
30.4
300
600
BC
(0.503)
(0.402)
(0.272)
(0.032)
(0.944)
(0.629)
(0.274)
(12.99)
(0.961)
(1.196)
3.3
CB187E0335+ --
15.3
13.7
7.10
0.80
24.0
24.0
7.60
330
24.4
30.4
300
300
BC
(0.601)
(0.539)
(0.280)
(0.032)
(0.944)
(0.944)
(0.299)
(12.99)
(0.961)
(1.196)
VOLTAGE Vdc: 250V Vac: 160V
0.001μF
CB037G0102+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0012
CB037G0122+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0015
CB037G0152+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.0018
CB037G0182+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
*Special length: 7.3 +0.7/-0.3 (0.287 +0.026/-0.012)
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


Similar Part No. - CB017E0102

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0102JBA AVX-CB017C0102JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0103 AVX-CB017C0103 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB017C0103JBA AVX-CB017C0103JBA Datasheet
844Kb / 19P
   Film Chip Capacitors
CB017C0122 AVX-CB017C0122 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Similar Description - CB017E0102

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com