Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0381DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0381DPA
Description  Built in SBD N Channel Power MOS High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0381DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0381DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK0381DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK0381DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK0381DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK0381DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK0381DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK0381DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0381DPA
Preliminary
R07DS0939EJ0400 Rev.4.00
Page 3 of 6
Mar 21, 2013
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current
ID
(A)
Static Drain to Source On State Resistance
vs. Drain Current
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
VGS = 2.6 V
Pulse Test
10
3
1
30
300
1
10
100
1000
3
200
150
100
50
0
4
8
12
16
20
Pulse Test
ID = 20 A
10 A
100
30
VGS = 4.5 V
10 V
3.0 V
10 V
2.8 V
4.5 V
Pulse Test
5 A
Case Temperature
Tc (°C)
Power vs. Temperature Derating
80
60
40
20
0
50
100
150
200
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
0.1
1
10
100
10
100
1000
1
0.1
PW = 10 ms
1 ms
10
μs
Operation in
this area is
limited by RDS(on)
Tc = 25
°C
1 shot Pulse


Similar Part No. - RJK0381DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0381DPA RENESAS-RJK0381DPA_10 Datasheet
88Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK0381DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03E6DPA RENESAS-RJK03E6DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E5DPA RENESAS-RJK03E5DPA_13 Datasheet
141Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0204DPA RENESAS-RJK0204DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0208DPA RENESAS-RJK0208DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0236DPA RENESAS-RJK0236DPA Datasheet
161Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03C5DPA RENESAS-RJK03C5DPA_13 Datasheet
126Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03E4DPA RENESAS-RJK03E4DPA_13 Datasheet
142Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK03A4DPA RENESAS-RJK03A4DPA_13 Datasheet
127Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0213DPA RENESAS-RJK0213DPA_13 Datasheet
197Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
RJK0206DPA RENESAS-RJK0206DPA_13 Datasheet
125Kb / 7P
   Built in SBD N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com