Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0391DPA Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0391DPA
Description  N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0391DPA Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0391DPA Datasheet HTML 1Page - Renesas Technology Corp RJK0391DPA Datasheet HTML 2Page - Renesas Technology Corp RJK0391DPA Datasheet HTML 3Page - Renesas Technology Corp RJK0391DPA Datasheet HTML 4Page - Renesas Technology Corp RJK0391DPA Datasheet HTML 5Page - Renesas Technology Corp RJK0391DPA Datasheet HTML 6Page - Renesas Technology Corp RJK0391DPA Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
RJK0391DPA
Preliminary
R07DS0923EJ0400 Rev.4.00
Page 3 of 6
Mar 21, 2013
Main Characteristics
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Drain Current
ID
(A)
Static Drain to Source On State Resistance
vs. Drain Current
50
40
30
20
10
0
2
468
10
50
40
30
20
10
0
12
3
4
5
Tc = 75
°C
25
°C
–25
°C
VDS = 10 V
Pulse Test
VGS = 2.6 V
10
3
1
30
300
1
10
100
1000
3
120
90
60
30
0
4
8
12
16
20
Pulse Test
ID = 20 A
10 A
100
30
VGS = 4.5 V
10 V
2.8 V
3.0 V
10 V
3.1 V
4.5 V
Pulse Test
5 A
Case Temperature
Tc (°C)
Power vs. Temperature Derating
80
60
40
20
0
50
100
150
200
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
0.1
1
10
100
10
100
1000
1
0.1
PW = 10 ms
1 ms
10
μs
Operation in
this area is
limited by RDS(on)
Tc = 25
°C
1 shot Pulse
Pulse Test
2.9 V


Similar Part No. - RJK0391DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0391DPA RENESAS-RJK0391DPA Datasheet
251Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0391DPA RENESAS-RJK0391DPA Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0391DPA-00-J53 RENESAS-RJK0391DPA-00-J53 Datasheet
251Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0391DPA-00-J53 RENESAS-RJK0391DPA-00-J53 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0391DPA RENESAS-RJK0391DPA_10 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0391DPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E8DPA RENESAS-RJK03E8DPA_13 Datasheet
124Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com