Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0397DPA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # RJK0397DPA
Description  N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0397DPA Datasheet(HTML) 6 Page - Renesas Technology Corp

  RJK0397DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK0397DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK0397DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK0397DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK0397DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK0397DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK0397DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
RJK0397DPA
Preliminary
R07DS0929EJ0400 Rev.4.00
Page 6 of 6
Mar 22, 2013
Package Dimensions
4.23Typ
0.21Typ
0.85Max
1.27Typ
1.27Typ
0.545Typ
5.1 ± 0.2
4.90 ± 0.1
0.42 ± 0.08
3.92 ± 0.22
PWSN0008DE-A
WPAK(3F)V
0.075g
MASS[Typ.]
RENESAS Code
JEITA Package Code
Previous Code
(Sn plating)
Notice:The reverse pattern of die-pad
support lead described above exists.
Unit: mm
Package Name
WPAK(3F)
Ordering Information
Orderable Part Number
Quantity
Shipping Container
RJK0397DPA-00-J5A
3000 pcs
Taping
Note:
The symbol of 2nd "-" is occasionally presented as "#".


Similar Part No. - RJK0397DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0397DPA RENESAS-RJK0397DPA_10 Datasheet
98Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK0397DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B9DPA RENESAS-RJK03B9DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E8DPA RENESAS-RJK03E8DPA_13 Datasheet
124Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com