Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZ27J Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDZ27J
Description  Single Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDZ27J Datasheet(HTML) 2 Page - NXP Semiconductors

  TDZ27J Datasheet HTML 1Page - NXP Semiconductors TDZ27J Datasheet HTML 2Page - NXP Semiconductors TDZ27J Datasheet HTML 3Page - NXP Semiconductors TDZ27J Datasheet HTML 4Page - NXP Semiconductors TDZ27J Datasheet HTML 5Page - NXP Semiconductors TDZ27J Datasheet HTML 6Page - NXP Semiconductors TDZ27J Datasheet HTML 7Page - NXP Semiconductors TDZ27J Datasheet HTML 8Page - NXP Semiconductors TDZ27J Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TDZXJ_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 29 July 2011
2 of 12
NXP Semiconductors
TDZxJ series
Single Zener diodes
3.
Ordering information
4.
Marking
Table 3.
Ordering information
Type number
Package
Name
Description
Version
TDZxJ series
SC-90
plastic surface-mounted package; 2 leads
SOD323F
Table 4.
Marking codes
Type number
Marking code
Type number
Marking code
TDZ2V4J
3A
TDZ9V1J
3Q
TDZ2V7J
3B
TDZ10J
3R
TDZ3V0J
3C
TDZ11J
3S
TDZ3V3J
3D
TDZ12J
3T
TDZ3V6J
3E
TDZ13J
3U
TDZ3V9J
3F
TDZ15J
3V
TDZ4V3J
3G
TDZ16J
3W
TDZ4V7J
3H
TDZ18J
3Y
TDZ5V1J
3J
TDZ20J
3Z
TDZ5V6J
JQ
TDZ22J
4A
TDZ6V2J
3K
TDZ24J
4B
TDZ6V8J
3L
TDZ27J
4C
TDZ7V5J
3N
TDZ30J
4D
TDZ8V2J
3P
-
-


Similar Part No. - TDZ27J

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
TDZ27J NEXPERIA-TDZ27J Datasheet
997Kb / 12P
   Single Zener diodes
TDZ27J NEXPERIA-TDZ27J Datasheet
995Kb / 12P
   Single Zener diodes
Rev. 2 - 29 July 2011
More results

Similar Description - TDZ27J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NZX8V2B133 NXP-NZX8V2B133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
NZX NXP-NZX Datasheet
67Kb / 12P
   Single Zener diodes
Rev. 02-3 June 2009
NZX12A-133 PHILIPS-NZX12A-133 Datasheet
139Kb / 13P
   Single Zener diodes
Rev. 4-28 November 2011
BZX84J-C11.115 NXP-BZX84J-C11.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
NZH NEXPERIA-NZH Datasheet
227Kb / 10P
   Single Zener diodes
logo
NXP Semiconductors
BZX84J PHILIPS-BZX84J Datasheet
75Kb / 12P
   Single Zener diodes
Rev. 01-1 March 2007
BZX84J-B5V6.115 NXP-BZX84J-B5V6.115 Datasheet
166Kb / 13P
   Single Zener diodes
Rev. 2-1 August 2011
logo
Nexperia B.V. All right...
PDZ-B-Q_SER NEXPERIA-PDZ-B-Q_SER Datasheet
256Kb / 11P
   Single Zener diodes
Rev. 2 - 21 December 2022
NZH_SER NEXPERIA-NZH_SER Datasheet
205Kb / 9P
   Single Zener diodes
Rev. 01 - 27 January 2010
logo
NXP Semiconductors
NZH3V0B PHILIPS-NZH3V0B Datasheet
112Kb / 9P
   Single Zener diodes
Rev. 01-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com