Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC3484 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # DAC3484
Description  Wideband Transmit-Receive Digital Signal Processors
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC3484 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC3484 Datasheet HTML 4Page - Texas Instruments DAC3484 Datasheet HTML 5Page - Texas Instruments DAC3484 Datasheet HTML 6Page - Texas Instruments DAC3484 Datasheet HTML 7Page - Texas Instruments DAC3484 Datasheet HTML 8Page - Texas Instruments DAC3484 Datasheet HTML 9Page - Texas Instruments DAC3484 Datasheet HTML 10Page - Texas Instruments DAC3484 Datasheet HTML 11Page - Texas Instruments DAC3484 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
In WI applications, the GC533x meets multi-carrier 3G and 4G performance standards (PCDE, composite EVM,
and ACLR) at PAR levels down to 6 dB for WCDMA and 7 dB for LTE, and improves the ACLR by over 20 dB at
the PA output. The GC533x integrates easily into the transmit/receive signal chain between Texas Instruments
high-performance data converters and baseband processors such as the TI TMS320C64xx family. In wireless
repeater applications, the GC533x can provide seamless interfaces to TI data converters, along with receive and
transmit filtering, DDC, and DUC functions.
The GC533x is extremely flexible and can be used in system architectures with different signal types and
TX-by-RX antenna configurations such as 2
×2, 2×4, 4×4, and 4×8.
The GC533x EVM system provides an example sector transmit-receive signal chain solution, from the
multi-carrier baseband to the RF antenna.
ABSOLUTE MAXIMUM RATINGS
over recommended operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
VDD
Core supply voltage
–0.3
1.32
V
VDDA
PLL analog voltage
–0.3
2
V
VDDS
Digital supply voltage for TX
–0.3
2
V
VDDSHV
Digital supply voltage
–0.3
3.6
V
VIN
Input voltage (under/overshoot)
–0.5
VDDSHV + 0.5
V
Clamp current for an input/output
–20
20
mA
Tstg
Storage temperature
–65
140
°C
ESD classification
Class 2 (2.5 kV HBM, 500 V CDM, 150 V MM)
Moisture sensitivity
Moisture sensitivity Class 3 (1 week floor life at 30
°C / 60% H)
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VDD
Core supply voltage(1)
310 MHz, 5.7 A max. (2)(1)
1.05
1.1
1.15
V
{370 MHz}(3)
1.1
1.125
1.15
VDDA
Analog supply for PLLs
60 mA max. (each)(2)
1.71
1.8
1.89
VDDS
Digital supply voltage for LVDS I/O
700 mA max.(2)
1.71
1.8
1.89
V
VDDSHV
Digital supply voltage CMOS I/O
PC board design dependent
3.15
3.3
3.45
V
TC
Case temperature
–40
30
90
°C
TJ
Junction temperature
i(4)
105
°C
(1)
Production tested hot using checksum at 310 MHz and maximum supplies. Power scales linearly with frequency with a dc consumption
around 350 mA typical, 700 mA worst case.
(2)
Chip specifications are production tested to 90
°C case temperature. QA tests are performed at 85°C.
(3)
Power consumption is a strong function of the configuration. A calculator is available to estimate power for a specific configuration.
(4)
Reliability calculations presume junction temperature 105
°C or below. Operation above 105°C junction temperature reduces product
lifetime.
8
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337


Similar Part No. - DAC3484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC3484 TI1-DAC3484 Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484 TI1-DAC3484 Datasheet
1Mb / 90P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKD25 TI1-DAC3484IRKD25 Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
1Mb / 82P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter (DAC)
DAC3484IRKDR TI1-DAC3484IRKDR Datasheet
2Mb / 107P
[Old version datasheet]   Quad-Channel, 16-Bit, 1.25 GSPS Digital-to-Analog Converter
More results

Similar Description - DAC3484

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5330 TI-GC5330 Datasheet
474Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com