Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVS-ADJ Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVS-ADJ
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2575HVS-ADJ Datasheet(HTML) 3 Page - Texas Instruments

  LM2575HVS-ADJ Datasheet HTML 1Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 2Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 3Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 4Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 5Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 6Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 7Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 8Page - Texas Instruments LM2575HVS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LM1575, LM2575-N, LM2575HV
www.ti.com
SNVS106E – MAY 1999 – REVISED APRIL 2013
Connection Diagrams
(XX indicates output voltage option.)
Top View
Top View
Side View
Figure 2. Straight Leads
Figure 3. Bent, Staggered Leads
Figure 4. LM2575T-XX Flow LB03
or
5-Lead TO-220 Package
5-Lead TO-220 Package
LM2575HVT-XX Flow LB03
LM2575T-XX or LM2575HVT-XX
See Package Number NDH0005D
See Package Number NDH0005D
See Package Number KC0005A
Top View
Top View
*No Internal Connection
*No Internal Connection
Figure 5. 16-Lead CDIP and PDIP Packages
Figure 6. 24-Lead Surface Mount SOIC Package
LM2575N-XX or LM2575HVN-XX
LM2575M-XX or LM2575HVM-XX
LM1575J-XX-QML
See Package Number DW0024B
See Package Numbers NFE0016A and NBG
Top View
Figure 7. DDPAK/TO-263 Package
5-Lead Surface-Mount Package
See Package Number KTT0005B
Side View
Figure 8. LM2575S-XX or LM2575HVS-XX
See Package Number KTT0005B
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM1575 LM2575-N LM2575HV


Similar Part No. - LM2575HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2575HVS-ADJ NSC-LM2575HVS-ADJ Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-ADJ NSC-LM2575HVS-ADJ Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575HVS-ADJ TI1-LM2575HVS-ADJ Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI1-LM2575HVS-ADJ Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVS-ADJ TI1-LM2575HVS-ADJ Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM2575HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575T-12 TI-LM2575T-12 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575_07 Datasheet
848Kb / 28P
   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5.0 TI1-LM2575T-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   SIMPLE SWITCHER짰 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM22675 NSC-LM22675 Datasheet
566Kb / 16P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Precision Enable
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LMR12010 NSC-LMR12010 Datasheet
417Kb / 16P
   SIMPLE SWITCHER짰 20Vin, 1A Step-Down Voltage Regulator in SOT-23
logo
Texas Instruments
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com