Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS55 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS55
Description  Wideband Transmit-Receive Digital Signal Processors
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS55 Datasheet(HTML) 1 Page - Texas Instruments

  ADS55 Datasheet HTML 1Page - Texas Instruments ADS55 Datasheet HTML 2Page - Texas Instruments ADS55 Datasheet HTML 3Page - Texas Instruments ADS55 Datasheet HTML 4Page - Texas Instruments ADS55 Datasheet HTML 5Page - Texas Instruments ADS55 Datasheet HTML 6Page - Texas Instruments ADS55 Datasheet HTML 7Page - Texas Instruments ADS55 Datasheet HTML 8Page - Texas Instruments ADS55 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
C6748
DSP
GC533x
DUC-CFR
DPD
DDC
DAC
DAC
I/QMod
I/QMod
I/QMod
I/QMod
PA
PA
PA
PA
SW
Baseband
Data
DAC3484
ADS61B49
TRF3703/3720
Complex
TX
Subsampled
Feedback
Mixer/BPF
Mixer/BPF
Mixer/BPF
Mixer/BPF
Mixer/BPF
LNA
LNA
LNA
LNA
ADS62P49
ADS62P49
RX
FB
I/Q
I/Q
RX
RX
RX
Real
RX
Real
RX
B0441-01
ADC
ADC
ADC
ADC
ADC
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Wideband Transmit-Receive Digital Signal Processors
Check for Samples: GC5330, GC5337
1
FEATURES
APPLICATIONS
Multi-Standard Base Stations
Integrated Transmit and Receive Digital IF
Solution
3GPP (LTE, W-CDMA, TDS-CDMA)
MC-GSM
Up to 4 TX, 8 RX, Plus DPD Feedback
WiMAX and WiBro (OFDMA)
TX-Transmit Includes DUC, CFR, DPD, TX
Multi-Carrier Power Amplifiers (MCPAs)
Equalizer, and Bulk Upconverter
Wireless Infrastructure Repeaters
62-MHz TX Signal Bandwidth With Fifth-Order
DPD Correction
Up to 4
× 4 MIMO
CFR: 6-dB PAR for WCDMA, 7-db LTE Signals
DESCRIPTION
With EVM Meeting 3GPP Specs; Configurable
for All Major Wireless Infrastructure Standards
The GC533x is a wideband transmit and receive
signal processor that includes digital downconverter /
DPD: Memory Compensation, Typical ACLR
upconverter (DDUC), transmit, receive, and capture
Improvement of 20 dB or More
buffer blocks. The transmit path includes crest factor
RX-Receive Includes DC-Offset Cancellation,
reduction (CFR), digital predistortion (DPD) and
Front-End and Back-End AGC, Bulk
associated feedback path, complex equalization, and
Downconverter, RX Equalizer, I/Q Imbalance
bulk upconversion.
Correction, DDC
The receive path includes wideband and narrowband
4 DDUCs, 1
–12 Channels per DDUC, Each
automatic gain control (AGC), bulk downconversion,
DDUC Can Be Programmed to TX or RX, at a
complex equalization, and I/Q imbalance correction.
Common Resampler Rate
– Multimode
The DDUC section consists of four identical DDUC
Support
blocks, each supporting up to 12 channels. Each
Seamless Interface to TI High-Speed Data
channel has independent fractional resamplers and
Converters
NCOs
to
enable
flexible
carrier
configurations.
4 TX Aggregate Output to DACs up to
Multi-mode/multi-standard
operation
can
be
supported by configuring the individual DDUC blocks
930 MSPS Complex
to different filtering and oversampling scenarios.
8 RX Aggregate Input From ADCs up to
1.24 GSPS Real
Supports Envelope Tracking Techniques
16-Tap (Complex) RX Equalizers
Two 4K Complex Word Capture Buffers for
Signal Analysis, Adaptive Filtering, and DPD
Algorithms
TMS320C6748 DPD Optimization Software
1.1-V Core, 3.3-V I/O CMOS, 1.8-V I/O LVDS
Power Consumption, 3.5 W Typical
484-Ball TE-PBGA Package, 23 mm
× 23 mm
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADS55

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS550-EP TI1-ADS550-EP Datasheet
944Kb / 37P
[Old version datasheet]   Analog-To-Digital Converter
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5500 BURR-BROWN-ADS5500 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
861Kb / 29P
   11-Bit, 125-MSPS Analog-To-Digital Converter
More results

Similar Description - ADS55

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
GC5330 TI-GC5330 Datasheet
474Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
GC6016 TI1-GC6016 Datasheet
510Kb / 46P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com