Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW612EH Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQW612EH
Description  Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW612EH Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQW612EH Datasheet HTML 1Page - Panasonic Semiconductor AQW612EH Datasheet HTML 2Page - Panasonic Semiconductor AQW612EH Datasheet HTML 3Page - Panasonic Semiconductor AQW612EH Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E Form A & B (AQW61
❍EH)
ASCTB55E 201201-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
*Operate/Reverse time
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper device operation and resetting.
■ For Dimensions.
■ For Schematic and Wiring Diagrams.
■ For Cautions for Use.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
For more information.
REFERENCE DATA
Item
Symbol
AQW612EH(A)
AQW610EH(A)
AQW614EH(A)
Condition
Input
LED operate current
Typical
IFon(N.O.)
IFoff(N.C.)
1.4 mA
IL=Max.
Maximum
3.0 mA
LED reverse current
Minimum
IFoff(N.O.)
IFon(N.C.)
0.4 mA
IL=Max.
Typical
1.3 mA
LED dropout voltage
Typical
VF
1.25 (1.14 V at IF = 5 mA)
IF=50 mA
Maximum
1.5 V
Output
On resistance
Typical
Ron
1
18
26
IF=5mA (N.O.) IF = 0mA (N.C.)
IL = Max.
Within 1 s on time
Maximum
2.5
25
35
Off state leakage current
Maximum
ILeak
1
µA (N.O.), 10µA (N.C.)
IF=0 mA (N.O.) IF = 5 mA (N.C.)
VL = Max.
Transfer
characteristics
Operate time*
Typical
Ton(N.O.)
Toff(N.C.)
1.0 ms (N.O.)
3.0 ms (N.C.)
0.5 ms (N.O.)
1.0 ms (N.C.)
0.5 ms (N.O.)
0.8 ms (N.C.)
IF = 0 mA
➝ 5 mA
IL = Max.
Maximum
4.0 ms (N.O.)
10.0 ms (N.C.)
3.0 ms
Reverse time*
Typical
Toff(N.O.)
Ton(N.C.)
0.05ms (N.O.),
0.2ms (N.C.)
0.08ms (N.O.),
0.3ms (N.C.)
0.08ms (N.O.),
0.2ms (N.C.)
IF = 5 mA
➝ 0 mA
IL = Max.
Maximum
1.0ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1MHz
VB = 0 V
Maximum
1.5 pF
Initial I/O isolation resistance
Minimum
Riso
1,000M
500 V DC
Item
Symbol
Recommended value
Unit
Input LED current
IF
5 to 10
mA
Ton
Input
Output
10%
90%
1) N.O.
2) N.C.
Toff
Toff
Input
Output
10%
90%
Ton
1-(1). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
1-(2). Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
2-(1). On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
LED current: 5 mA; Load voltage; Max. (DC)
Continuous load current: Max. (DC)
Ambient temperature,
°C
0
200
150
100
50
020
40
60
8085
–40 –20
AQW610EH
AQW614EH
Using only
1 channel
Using 2 channels
0
200
300
400
500
600
700
100
Ambient temperature,
°C
020
40
60
8085
-40
-20
Using only 1 channel
Using 2 channels
AQW612EH
Ambient temperature,
°C
0
10
20
30
40
–40
–20
50
020
40
60
8085
AQW610EH
AQW614EH
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)


Similar Part No. - AQW612EH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW61 PANASONIC-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW61 ETC2-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW61 ETC2-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW61 ETC2-AQW61 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW61 ETC-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW612EH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW654 PANASONIC-AQW654 Datasheet
74Kb / 3P
   Both 1 Form A and 1 Form B contacts incorporated in a compact DIP8-pin with low on-resistance
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
Artesyn Technologies
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com