Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW612EHAX Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # AQW612EHAX
Description  Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW612EHAX Datasheet(HTML) 1 Page - Panasonic Semiconductor

  AQW612EHAX Datasheet HTML 1Page - Panasonic Semiconductor AQW612EHAX Datasheet HTML 2Page - Panasonic Semiconductor AQW612EHAX Datasheet HTML 3Page - Panasonic Semiconductor AQW612EHAX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E Form A & B (AQW61
❍EH)
ASCTB55E 201201-T
TYPES
*Indicate the peak AC and DC values.
Note: The surface mount terminal shape indicator “A” and the packing style indicator “X” or “Z” are not marked on the device.
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
Both NO and NC contacts
incorporated in a compact
DIP8-pin
Reinforced insulation
GU-E Form A & B
(AQW61
❍EH)
I/O isolation
voltage
Output rating*
Package
Part No.
Packing quantity
Through hole
terminal
Surface-mount terminal
Load
voltage
Load
current
Tube packing style
Tape and reel packing style
Tube
Tape and reel
Picked from the
1/2/3/4-pin side
Picked from the
5/6/7/8-pin side
AC/DC
dual use
Reinforced
5,000 V
60 V
500 mA
DIP8-pin
AQW612EH
AQW612EHA
AQW612EHAX
AQW612EHAZ
1 tube contains:
50 pcs.
1 batch contains:
500 pcs.
1,000 pcs.
350 V
120 mA
AQW610EH
AQW610EHA
AQW610EHAX
AQW610EHAZ
400 V
100 mA
AQW614EH
AQW614EHA
AQW614EHAX
AQW614EHAZ
Item
Symbol
AQW612EH(A)
AQW610EH(A)
AQW614EH(A)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
5 V
Peak forward current
IFP
1 A
f = 100 Hz, Duty factor = 0.1%
Power dissipation
Pin
75 mW
Output
Load voltage (peak AC)
VL
60 V
350 V
400 V
Continuous load current
IL
0.5 A (0.6 A)
0.12 A (0.14 A)
0.1 A (0.13 A)
Peak AC, DC
( ): in case of using only 1a or 1b,
1 channel
Peak load current
Ipeak
1.5 A
0.36 A
0.3 A
100 ms (1 shot), VL= DC
Power dissipation
Pout
800 mW
Total power dissipation
PT
850 mW
I/O isolation voltage
Viso
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
TESTING
(AQW610EH, 614EH) (AQW612EH)
VDE
mm inch
FEATURES
1. 60V type couples high capacity
(0.5A) with low on-resistance (typ. 1
Ω).
2. Reinforced insulation 5,000 V
More than 0.4 mm internal insulation
distance between inputs and outputs.
Conforms to EN41003, EN60950
(reinforced insulation).
3. Aprrox. 1/2 the space compared
with the mounting area of a set of
1 Form A and 1 Form B PhotoMOS
4. Applicable for 1 Form A 1 Form B
use as well as two independent
1 Form A and 1 Form B use
5. Controls low-level analog signals
PhotoMOS feature extremely low closed-
circuit offset voltage to enable control of
low-level analog signals without
distortion.
6. High sensitivity and high speed
response
Can control max. 0.14 A load current with
5 mA input current. Fast operation speed
of typ. 0.5 ms [N.O.] (AQW610EH).
7. Low-level off-state leakage current
TYPICAL APPLICATIONS
• Power supply
• Measuring instruments
• Security equipment
• Modem
• Telephone equipment
• Electricity, plant equipment
• Sensing equipment
3.9
6.4
9.78
3.6
6.4
9.78
.154
.252
.385
.142
.252
.385
1
2
3
4
8
N.C.
N.O.
7
6
5
RoHS compliant


Similar Part No. - AQW612EHAX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW61 PANASONIC-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
logo
List of Unclassifed Man...
AQW61 ETC2-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW61 ETC2-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
AQW61 ETC2-AQW61 Datasheet
171Kb / 3P
   PhotoMOS Relay Dimensions
AQW61 ETC-AQW61 Datasheet
168Kb / 3P
   PhotoMOS Relay Dimensions
More results

Similar Description - AQW612EHAX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW654 PANASONIC-AQW654 Datasheet
74Kb / 3P
   Both 1 Form A and 1 Form B contacts incorporated in a compact DIP8-pin with low on-resistance
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
Artesyn Technologies
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com