Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQW610EH Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQW610EH
Description  Both NO and NC contacts incorporated in a compact DIP8-pin Reinforced insulation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQW610EH Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQW610EH Datasheet HTML 1Page - Panasonic Semiconductor AQW610EH Datasheet HTML 2Page - Panasonic Semiconductor AQW610EH Datasheet HTML 3Page - Panasonic Semiconductor AQW610EH Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E Form A & B (AQW61
❍EH)
ASCTB55E 201201-T
11-(1). Reverse time vs. LED forward current
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11-(2). Reverse time vs. LED forward current
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12-(1). Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
LED forward current, mA
10
20
30
40
50
60
10
020
30
405060
0.5
0.4
0.3
0.2
0.1
0
AQW610EH
⋅AQW614EH
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)
LED forward current, mA
10
20
30
40
50
0
0.5
0.4
0.3
0.2
0.1
0
AQW612EH
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)
0
500
400
300
200
100
Applied voltage, V
10
20
30
40
60
50
0
AQW610EH
⋅AQW614EH
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)
12-(2). Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 5 and 6, 7 and 8;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
0
500
400
300
200
100
Applied voltage, V
10
20
30
40
60
50
0
AQW612EH
Between terminal 5 and 6 (N.O.)
Between terminal 7 and 8 (N.C.)


Similar Part No. - AQW610EH

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQW610EH NAIS-AQW610EH Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQW610EHA NAIS-AQW610EHA Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQW610EHAX NAIS-AQW610EHAX Datasheet
48Kb / 3P
   PhotoMOS RELAYS
AQW610EHAZ NAIS-AQW610EHAZ Datasheet
48Kb / 3P
   PhotoMOS RELAYS
More results

Similar Description - AQW610EH

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQW654 PANASONIC-AQW654 Datasheet
74Kb / 3P
   Both 1 Form A and 1 Form B contacts incorporated in a compact DIP8-pin with low on-resistance
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
XFMRS Inc.
1101 XFMRS-1101 Datasheet
39Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
HALO Electronics, Inc.
TGR01-3406V6LF HALO-TGR01-3406V6LF Datasheet
461Kb / 2P
   SMD Reinforced Insulation Package
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
XFMRS Inc.
1008 XFMRS-1008 Datasheet
51Kb / 1P
   PRI TRANSFORMERS Reinforced Insulation
logo
Artesyn Technologies
AEE10W-M ARTESYN-AEE10W-M Datasheet
1Mb / 2P
   4200 VAC reinforced Insulation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com