Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY203-12S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BY203-12S
Description  Fast Avalanche Sinterglass Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY203-12S Datasheet(HTML) 3 Page - Vishay Siliconix

  BY203-12S Datasheet HTML 1Page - Vishay Siliconix BY203-12S Datasheet HTML 2Page - Vishay Siliconix BY203-12S Datasheet HTML 3Page - Vishay Siliconix BY203-12S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BY203-12S, BY203-16S, BY203-20S
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 12-Sep-12
3
Document Number: 86002
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 6 - Diode Capacitance vs. Reverse Voltage
PACKAGE DIMENSIONS in millimeters (inches): SOD-57
0
100
200
300
400
500
25
50
75
100
125
150
Tj - Junction Temperature (°C)
16400
P
R-Limit
at 100 % V
R
P
R-Limit
at 80 % V
R
V
R = VRRM
0
2
4
8
12
6
10
14
16
18
0.1
1
10
100
VR - Reverse Voltage (V)
16401
f = 1 MHz
20543
26 (1.024) min.
4 (0.157) max.
26 (1.024) min.


Similar Part No. - BY203-12S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY203-12S VISHAY-BY203-12S Datasheet
33Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY203-12S VISHAY-BY203-12S Datasheet
116Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 13-Apr-05
BY203-12S VISHAY-BY203-12S Datasheet
113Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 30-Jul-10
BY203-12S VISHAY-BY203-12S Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY203-12S VISHAY-BY203-12S Datasheet
125Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
More results

Similar Description - BY203-12S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW72 VISHAY-BYW72_10 Datasheet
106Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYM36 VISHAY-BYM36 Datasheet
149Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.6, 12-Aug-04
BYM36A VISHAY-BYM36A Datasheet
107Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BYV37 VISHAY-BYV37_10 Datasheet
378Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 31-Mar-10
BYV16-TAP VISHAY-BYV16-TAP Datasheet
130Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
BY203-20S-TR VISHAY-BY203-20S-TR Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BYV38-TAP VISHAY-BYV38-TAP Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Sep-12
logo
New Jersey Semi-Conduct...
BY268 NJSEMI-BY268 Datasheet
128Kb / 2P
   Fast Avalanche Sinterglass Diode
logo
Vishay Siliconix
BY268 VISHAY-BY268_V01 Datasheet
136Kb / 4P
   Fast Avalanche Sinterglass Diode
01-Jan-2022
BYV12 VISHAY-BYV12_10 Datasheet
452Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 30-Jul-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com