Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57237S0229M000 Datasheet(PDF) 11 Page - EPCOS

Part # B57237S0229M000
Description  NTC thermistors for inrush current limiting
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57237S0229M000 Datasheet(HTML) 11 Page - EPCOS

Back Button B57237S0229M000 Datasheet HTML 6Page - EPCOS B57237S0229M000 Datasheet HTML 7Page - EPCOS B57237S0229M000 Datasheet HTML 8Page - EPCOS B57237S0229M000 Datasheet HTML 9Page - EPCOS B57237S0229M000 Datasheet HTML 10Page - EPCOS B57237S0229M000 Datasheet HTML 11Page - EPCOS B57237S0229M000 Datasheet HTML 12Page - EPCOS B57237S0229M000 Datasheet HTML 13Page - EPCOS B57237S0229M000 Datasheet HTML 14Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Mounting
When NTC thermistors are encapsulated with sealing material or overmolded with plastic
material, the precautions given in chapter “Mounting instructions”, “Sealing and potting” must
be observed.
Electrode must not be scratched before/during/after the mounting process.
Contacts and housings used for assembly with thermistor have to be clean before mounting.
During operation, the inrush current limiters surface temperature can be very high. Ensure that
adjacent components are placed at a sufficient distance from the thermistor to allow for proper
cooling of the thermistors.
Ensure that adjacent materials are designed for operation at temperatures comparable to the
surface temperature of the thermistor. Be sure that surrounding parts and materials can
withstand this temperature.
Make sure that inrush current limiters are adequately ventilated to avoid overheating.
Avoid contamination of thermistor surface during processing.
Operation
Use thermistors only within the specified operating temperature range.
Use inrush current limiters only within the specified voltage and current ranges.
Environmental conditions must not harm the thermistors. Use thermistors only in normal
atmospheric conditions.
Contact of NTC thermistors with any liquids and solvents should be prevented. It must be
ensured that no water enters the NTC thermistor (e.g. through plug terminals). For
measurement purposes (checking the specified resistance vs. temperature), the component
must not be immersed in water but in suitable liquids (e.g. Galden).
In case of exposure of the NTC thermistors to water, electrolytes or other aggressive media,
these media can penetrate the coating and reach the surface of the ceramic. Low-ohmic or
high-ohmic behavior may occur due to the formation of an electrolyte with metals (silver/lead/tin
from metallization or solder). Low-ohmic behavior is caused by electrochemical migration,
high-ohmic behavior by dissolving of the electrode. Ineither case, the functionality of the NTC
thermistorscannot be assured.
Be sure to provide an appropriate fail-safe function to prevent secondary product damage
caused by malfunction (e.g. use a metal oxide varistor for limitation of overvoltage condition).
Inrush current limiters
B57237S0***M0**
ICLs
S237
Page 11 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57237S0229M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57237S0229M000 EPCOS-B57237S0229M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57237S0229M000 EPCOS-B57237S0229M000 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57237S0229M000 EPCOS-B57237S0229M000 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57237S0229M000 EPCOS-B57237S0229M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
logo
ON Semiconductor
B57237S0229M000 ONSEMI-B57237S0229M000 Datasheet
2Mb / 28P
   Compact Intelligent Power Module (IPM) Motor Control Development Kit (MDK) 1 kW
March, 2021 ??Rev. 1
More results

Similar Description - B57237S0229M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
91930 EPCOS-91930 Datasheet
195Kb / 6P
   NTC thermistors for inrush current limiting
B57153S100M EPCOS-B57153S100M Datasheet
417Kb / 18P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com