Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1608X7R1E104K Datasheet(PDF) 5 Page - International Rectifier

Part # C1608X7R1E104K
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

C1608X7R1E104K Datasheet(HTML) 5 Page - International Rectifier

  C1608X7R1E104K Datasheet HTML 1Page - International Rectifier C1608X7R1E104K Datasheet HTML 2Page - International Rectifier C1608X7R1E104K Datasheet HTML 3Page - International Rectifier C1608X7R1E104K Datasheet HTML 4Page - International Rectifier C1608X7R1E104K Datasheet HTML 5Page - International Rectifier C1608X7R1E104K Datasheet HTML 6Page - International Rectifier C1608X7R1E104K Datasheet HTML 7Page - International Rectifier C1608X7R1E104K Datasheet HTML 8Page - International Rectifier C1608X7R1E104K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
5
IR3473 
6A Highly Integrated SupIRBuck
TM 
PIN DESCRIPTIONS 
PIN #
PIN NAME
I/O LEVEL
PIN DESCRIPTION
FCCM 
3.3V 
Forced Continuous Conduction Mode (CCM). Ground this pin to enable diode 
emulation mode or discontinuous conduction mode (DCM). Pull this pin to 3.3V 
to operate in CCM under all load conditions. 
ISET  
Connecting resistor to PHASE pin sets over current trip point. 
PGOOD 
5V 
Power good open drain output – pull up with a resistor to 3.3V 
4, 17 
GND 
Reference 
Bias return and signal reference. 
FB 
3.3V 
Inverting input to PWM comparator, OVP / PGOOD sense. 
SS 
3.3V 
Soft start/shutdown. This pin provides user programmable soft‐start function. 
Connect an external capacitor from this pin to GND to set the startup time of the 
output voltage. The converter can be shutdown by pulling this pin below 0.3V. 
NC 
‐ 
‐ 
3VCBP 
3.3V 
For internal LDO. Bypass with a 1.0µF capacitor to GND. A resistor in series with 
the bypass capacitor may be required in single‐ground plane designs. Refer to 
Layout Recommendation for details. 
NC 
‐ 
‐ 
10 
VCC 
5V 
VCC input. Gate drive supply. A minimum of 1.0µF ceramic capacitor is required. 
11 
PGND 
Reference 
Power return. 
12 
PHASE 
VIN 
Phase node (or switching node) of MOSFET half bridge. 
13 
VIN 
VIN 
Input voltage for the system. 
14 
BOOT 
VIN + VCC 
Bootstrapped gate drive supply – connect a capacitor to PHASE. 
15 
FF 
VIN 
Input voltage feed forward – sets on‐time with a resistor to VIN. 
16 
EN 
5V 
Enable pin to turn on and off the device. Use two external resistors to set the 
turn on threshold (see Electrical Specifications) for input voltage monitoring.  
  


Similar Part No. - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
C1608X7R1E104K TI1-C1608X7R1E104K Datasheet
713Kb / 27P
[Old version datasheet]   INA230EVM Evaluation Board and Software Tutorial
logo
TDK Electronics
C1608X7R1E104K TDK-C1608X7R1E104K Datasheet
70Kb / 7P
   Ceramic Capacitors For General Use SMD
logo
International Rectifier
C1608X7R1E104K IRF-C1608X7R1E104K Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
More results

Similar Description - C1608X7R1E104K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3823 IRF-IR3823 Datasheet
3Mb / 41P
   3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com