Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV414AZ Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQV414AZ
Description  Normally closed 6-pin type of 400V load voltage Measuring instruments
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV414AZ Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQV414AZ Datasheet HTML 1Page - Panasonic Semiconductor AQV414AZ Datasheet HTML 2Page - Panasonic Semiconductor AQV414AZ Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU 1 Form B (AQV414)
ASCTB138E 201201-T
REFERENCE DATA
1. Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection: A
2. On resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 0 mA;
Continuous load current: 120 mA (DC)
3. Operate (OFF) time vs. ambient temperature
characteristics
LED current: 5mA;
Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
0
–20
–40
20
40
Ambient temperature,
°C
60
8085 100
120
100
80
60
40
20
0
140
0
–20
20
40
60
8085
60
50
40
30
20
10
0
–40
Ambient temperature,
°C
0
–20
20
40
60
8085
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
Ambient temperature,
°C
4. Reverse (ON) time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
5. LED operate (OFF) current vs. ambient
temperature characteristics
Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
6. LED reverse (ON) current vs. ambient
temperature characteristics
Load voltage: 400 V (DC);
Continuous load current: 120 mA (DC)
0
–20
20
40
60
8085
1.2
1.0
0.8
0.6
0.4
0.2
0
–40
Ambient temperature,
°C
0
–20
–40
20
40
60
8085
5
4
3
2
1
0
Ambient temperature,
°C
0
–20
–40
20
40
60
8085
5
4
3
2
1
0
Ambient temperature,
°C
7. LED dropout voltage vs. ambient
temperature characteristics
LED current: 5 to 50 mA
8. Current vs. voltage characteristics of output
at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9. Off state leakage current vs. load voltage
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Ambient temperature: 25
°C 77°F
50mA
30mA
20mA
10mA
5mA
–20
–40
0
20
40
60
8085 100
1.5
1.4
1.3
1.2
1.1
1.0
0
Ambient temperature,
°C
1
2
3
4
5
6
–1
–2
–3
–4
–5
–6
120
100
80
60
40
20
–120
–100
–80
–60
–40
–20
Voltage, V
0
20
40
60
80
100
10
–3
10
–6
10
–9
10
–12
Load voltage, V
10. Operate (OFF) time vs. LED forward
current characteristics
Measured portion: between terminals 4 and 6;
Load voltage: 400 V (DC); Continuous load current:
120 mA (DC); Ambient temperature: 25
°C 77°F
11. Reverse (ON) time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: 400 V (DC); Continuous load current:
120 mA (DC); Ambient temperature: 25
°C 77°F
12. Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
10
20
30
40
50
60
3.0
2.5
2.0
1.5
1.0
0.5
0
LED forward current, mA
10
20
30
40
50
60
1.2
1.0
0.8
0.6
0.4
0.2
0
LED forward current, mA
10
20
30
40
50
60
120
100
80
60
40
20
0
Applied voltage, V


Similar Part No. - AQV414AZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV414A ETC-AQV414A Datasheet
168Kb / 2P
   HIGH VOLTAGE, PHOTO MOS RELAY
More results

Similar Description - AQV414AZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A Datasheet
226Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
Panasonic Semiconductor
AQY212SZ PANASONIC-AQY212SZ Datasheet
641Kb / 3P
   Miniature SOP4-pin type of 60V/350V/400V load voltage
AQW212S PANASONIC-AQW212S Datasheet
75Kb / 3P
   Miniature SOP8-pin type of 60V/350V/400V load voltage Industrial robots
logo
Renesas Technology Corp
PS7241-2A RENESAS-PS7241-2A_15 Datasheet
215Kb / 14P
   8-PIN SOP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
Renesas Technology Corp
PS7141E-1A RENESAS-PS7141E-1A_15 Datasheet
233Kb / 16P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
NEC
PS7141E-1A NEC-PS7141E-1A Datasheet
108Kb / 14P
   6-PIN DIP, 400V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 1-ch Optical Coupled MOS FET
logo
Sharp Corporation
LM20A21 SHARP-LM20A21 Datasheet
18Kb / 1P
   Character Type LCD Module(FA/POS/Measuring instruments)
logo
Panasonic Semiconductor
AQV227N PANASONIC-AQV227N Datasheet
91Kb / 5P
   DIP6-pin type featuring low on-resistance with 200V/400V load voltage
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
   Normally closed DIP4-pin economic type with reinforced insulation Modem
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com