Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV210EA Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AQV210EA
Description  High cost-performance DIP6-pin type, reinforced insulation available Computers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV210EA Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AQV210EA Datasheet HTML 1Page - Panasonic Semiconductor AQV210EA Datasheet HTML 2Page - Panasonic Semiconductor AQV210EA Datasheet HTML 3Page - Panasonic Semiconductor AQV210EA Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E 1 Form A (AQV21
❍E, AQV21❍EH)
ASCTB125E 201201-T
REFERENCE DATA
1. Load current vs. ambient temperature
characteristics
Allowable ambient temperature: –40
°C to +85°C
–40
°F to +185°F
Type of connection:A
2. On-resistance vs. ambient temperature
characteristics
Measured portion: between terminals 4 and 6;
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
3. Turn on time vs. ambient temperature
characteristics
LED current: 5 mA;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
40
60
80
100
140
120
020
40
60
–20
80
100
–40
AQV210E (H)
Ambient temperature,
°C
20
AQV214E (H)
85
0
10
20
30
40
–40
50
0
–20
20
40
60
80
AQV210E (H)
AQV214E (H)
85
Ambient temperature,
°C
0
0.8
1.2
–40
2.0
0
–20
20
40
60
80
0.4
1.6
85
AQV210EH, AQV214EH
AQV214E
AQV210E
Ambient temperature,
°C
4. Turn off time vs. ambient temperature
characteristics
LED current: 5 mA; Load voltage: Max. (DC);
Continuous load current: Max. (DC)
5. LED operate current vs. ambient
temperature characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
6. LED turn off current vs. ambient temperature
characteristics
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
0
0.1
0.2
0.3
0.4
–40
0
–20
20
40
60
80
AQV210E
AQV214E
AQV210EH, AQV214EH
85
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV210E,AQV214E
AQV210EH, AQV214EH
Ambient temperature,
°C
0
1
2
3
4
–40
5
0
–20
20
40
60
8085
AQV210E,AQV214E
AQV210EH, AQV214EH
Ambient temperature,
°C
7. LED dropout voltage vs. ambient
temperature characteristics
Sample: All types
LED current: 5 to 50 mA
8. Current vs. voltage characteristics of output
at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9. Off state leakage current vs. load voltage
characteristics
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
0
1.0
1.1
1.2
1.3
–40
0
–20
20
40
60
80
1.4
50mA
30mA
20mA
10mA
5mA
1.5
85
Ambient temperature,
°C
5
3
1
–5
–3
–1
–140
–80
–20
140
80
20
40
60
100
120
–40
–60
–100
–120
–2
–4
24
AQV210E(H)
AQV214E(H)
Voltage, V
0
60
100
10
–3
–6
10
10
–9
10
–12
AQV214E(H)
20
40
80
AQV210E(H)
Load voltage, V


Similar Part No. - AQV210EA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV210EA ETC1-AQV210EA Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
AQV210EAZ ETC1-AQV210EAZ Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
More results

Similar Description - AQV210EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
Panasonic Semiconductor
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
   Normally closed DIP4-pin economic type with reinforced insulation Modem
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com