Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71E105KA12D Datasheet(PDF) 10 Page - International Rectifier

Part # GRM188R71E105KA12D
Description  15A Highly Integrated SupIRBuck Constant On.Time Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71E105KA12D Datasheet(HTML) 10 Page - International Rectifier

Back Button GRM188R71E105KA12D Datasheet HTML 6Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 7Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 8Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 9Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 10Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 11Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 12Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 13Page - International Rectifier GRM188R71E105KA12D Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
March 27, 2013  |   V2.5  |  PD97604
10
IR3477 
15A Highly Integrated SupIRBuck
TM 
TYPICAL OPERATING DATA  
Tested with demoboard shown in Figure 4, VIN = 12V, VCC = 5V, VOUT = 1.05V, Fs = 300kHz, TA = 25
oC, no airflow, unless 
otherwise specified.
 
Figure 11: Startup 
 
Figure 13: DCM (IOUT = 0.1A) 
 
 
Figure 15: Over Current Protection  
(tested by shorting VOUT to PGND) 
 
Figure 12: Shutdown 
 
Figure 14: CCM (IOUT = 12A) 
 
 
Figure 16: Over Voltage Protection  
(tested by shorting FB to VOUT)
EN
PGOOD
SS
VOUT
EN
PGOOD
SS
VOUT
5V/div
5V/div 1V/div 500mV/div
5ms/div
5V/div 5V/div 1V/div 500mV/div
500µs/div
VOUT
PHASE
iL
20mV/div 5V/div 5A/div
10µs/div
20mV/div 5V/div 10A/div
2µs/div
5V/div 1V/div 1V/div 10A/div
2ms/div
5V/div 1V/div
500mV/div 2A/div
50µs/div
VOUT
PHASE
iL
PGOOD
SS
VOUT
iL
PGOOD
FB
VOUT
iL


Similar Part No. - GRM188R71E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
logo
Murata Manufacturing Co...
GRM188R71E105KA12D MURATA-GRM188R71E105KA12D Datasheet
85Kb / 7P
   CHIP MONOLITHIC CERAMIC CAPACITOR
logo
International Rectifier
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
909Kb / 22P
   6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
GRM188R71E105KA12D IRF-GRM188R71E105KA12D Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results

Similar Description - GRM188R71E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3475 IRF-IR3475 Datasheet
922Kb / 22P
   10A Highly Integrated SupIRBuck Constant On.Time Control
IR3898 IRF-IR3898_13 Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3476 IRF-IR3476 Datasheet
1Mb / 21P
   12A Highly Integrated SupIRBuck IR3476 TM
IR3894 IRF-IR3894_13 Datasheet
2Mb / 45P
   12A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3891 IRF-IR3891 Datasheet
1Mb / 47P
   Dual output, 4A/Phase, Highly Integrated SupIRBuck
IR3897 IRF-IR3897_13 Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
IR3892 IRF-IR3892 Datasheet
3Mb / 51P
   Dual output, 6A/Phase, Highly Integrated SupIRBuck
IR3476 IRF-IR3476_13 Datasheet
884Kb / 21P
   12A Highly Integrated SupIRBuck Continuous 12A Load Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com