Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV214EAX Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQV214EAX
Description  High cost-performance DIP6-pin type, reinforced insulation available Computers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV214EAX Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQV214EAX Datasheet HTML 1Page - Panasonic Semiconductor AQV214EAX Datasheet HTML 2Page - Panasonic Semiconductor AQV214EAX Datasheet HTML 3Page - Panasonic Semiconductor AQV214EAX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
GU-E 1 Form A (AQV21
❍E, AQV21❍EH)
ASCTB125E 201201-T
10-(1). Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
10-(2). Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11-(1). Turn off time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
0
0.2
0.4
0.6
0.8
1.4
1.0
10
20
30
40
50
60
AQV214E
AQV210E
1.2
LED forward current, mA
0
0.5
1.0
2.5
1.5
10
20
30
40
50
60
2.0
AQV210EH, AQV214EH
LED forward current, mA
0
0.02
0.04
0.08
0.06
10
20
30
40
0.10
50
AQV210E
AQV214E
LED forward current, mA
11-(2). Turn off time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12. Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
0
0.05
0.10
0.20
0.15
10
20
30
40
0.25
50
AQV210EH, AQV214EH
LED forward current, mA
0
10
20
50
10
20
30
40
50
30
40
0
Applied voltage, V


Similar Part No. - AQV214EAX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AQV214EA ETC1-AQV214EA Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
AQV214EAZ ETC1-AQV214EAZ Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
More results

Similar Description - AQV214EAX

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQY211EH PANASONIC-AQY211EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
AQY211EHAX PANASONIC-AQY211EHAX Datasheet
945Kb / 4P
   High cost-performance DIP4-pin type with reinforced insulation
logo
Sharp Corporation
PC3SG21YIZ SHARP-PC3SG21YIZ Datasheet
223Kb / 13P
   VDRM 600V, Reinforced Insulation Type
logo
MORNSUN Science& Techno...
H0305S-1WR2 MORNSUN-H0305S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
G0505S-1WR2 MORNSUN-G0505S-1WR2 Datasheet
1Mb / 5P
   Reinforced insulation
logo
TE Connectivity Ltd
RTX TEC-RTX Datasheet
180Kb / 2P
   Reinforced insulation
logo
Panasonic Semiconductor
AQY412EH PANASONIC-AQY412EH Datasheet
81Kb / 3P
   Normally closed DIP4-pin economic type with reinforced insulation Modem
logo
Sharp Corporation
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com