Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CX06F107 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # CX06F107
Description  Subminiature, Leaded Solid Tantalum Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CX06F107 Datasheet(HTML) 2 Page - Vishay Siliconix

  CX06F107 Datasheet HTML 1Page - Vishay Siliconix CX06F107 Datasheet HTML 2Page - Vishay Siliconix CX06F107 Datasheet HTML 3Page - Vishay Siliconix CX06F107 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CX06
www.vishay.com
Vishay Sprague
Revision: 09-Mar-12
2
Document Number: 43007
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
(μF)
MAX. DF
(%)
MAX. DCL
AT + 25 °C (μA)
CASE CODE
PART NUMBER
2 VDC AT + 85 °C
0.47
10
0.5
A
CX06A474-(1)
2.2
10
0.5
B
CX06A225-(1)
10
10
0.5
C
CX06A106-(1)
3 VDC AT + 85 °C
1.5
10
0.5
B
CX06B155-(1)
6.8
10
0.5
C
CX06B685-(1)
22
10
1.0
D
CX06B226-(1)
220
15
9.0
G
CX06B227-(1)
4 VDC AT + 85 °C
0.33
10
0.5
A
CX06C334-(1)
1.0
8
0.5
B
CX06C105-(1)
4.7
8
0.5
C
CX06C475-(1)
15
8
1.0
D
CX06C156-(1)
47
8
2.0
E
CX06C476-(1)
68
8
3.0
F
CX06C686-(1)
6 VDC AT + 85 °C
0.22
10
0.5
A
CX06D224-(1)
0.68
6
0.5
B
CX06D684-(1)
3.3
6
0.5
C
CX06D335-(1)
10
6
1.0
D
CX06D106-(1)
33
6
2.0
E
CX06D336-(1)
47
6
3.0
F
CX06D476-(1)
150
10
9.0
G
CX06D157-(1)
10 VDC AT + 85 °C
0.15
10
0.5
A
CX06F154-(1)
0.47
6
0.5
B
CX06F474-(1)
2.2
6
0.5
C
CX06F225-(1)
6.8
6
1.0
D
CX06F685-(1)
22
6
2.0
E
CX06F226-(1)
33
6
3.0
F
CX06F336-(1)
100
8
9.0
G
CX06F107-(1)
15 VDC AT + 85 °C
0.10
10
0.5
A
CX06H104-(1)
0.33
6
0.5
B
CX06H334-(1)
1.5
6
0.5
C
CX06H155-(1)
15
6
2.0
E
CX06H156-(1)
22
6
3.0
F
CX06H226-(1)
68
8
9.0
G
CX06H686-(1)
20 VDC AT + 85 °C
0.10
6
0.5
B
CX06J104-(1)
0.15
6
0.5
B
CX06J154-(1)
0.22
6
0.5
B
CX06J224-(1)
1.0
6
0.5
C
CX06J105-(1)
3.3
6
1.0
D
CX06J335-(1)
4.7
6
1.0
D
CX06J475-(1)
10
6
2.0
E
CX06J106-(1)
15
6
3.0
F
CX06J156-(1)
47
8
9.0
G
CX06J476-(1)
Note
• Part number definition:
(1) Add suffix to indicate capacitance tolerance: K = ± 10 % or M = ± 20 %


Similar Part No. - CX06F107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
logo
Continental Device Indi...
CX0603MKNP00BB0 CDIL-CX0603MKNP00BB0 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
CX0603MKNP00BB0 PULSE-CX0603MKNP00BB0 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
logo
Continental Device Indi...
CX0603MKNP00BB1 CDIL-CX0603MKNP00BB1 Datasheet
751Kb / 16P
   SURFACE-MOUNT CERAMICEMI FILTER CAPACITORS
logo
Pulse A Technitrol Comp...
CX0603MKNP00BB1 PULSE-CX0603MKNP00BB1 Datasheet
1Mb / 14P
   Surface-mount ceramic EMI filter capacitors
More results

Similar Description - CX06F107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 17-Apr-02
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com