Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-1VB1H222K Datasheet(PDF) 11 Page - International Rectifier

Part # ECJ-1VB1H222K
Description  HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VB1H222K Datasheet(HTML) 11 Page - International Rectifier

Back Button ECJ-1VB1H222K Datasheet HTML 7Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 8Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 9Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 10Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 11Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 12Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 13Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 14Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
11
5
6
7
8
9
10
11
12
13
14
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature [°C]
0 LFM
100LFM
200LFM
300LFM
400LFM
4
5
6
7
8
9
10
11
12
-40
-20
0
20
40
60
80
100
120
140
Temperature [°C]
Sync-FET
Ctrl-FET
Rdson of MOSFETs Over Temperature at Vcc=5V
Thermal De-rating Curves
Test Conditions: Vin=12V, Vout=1.8V, Vcc=5V, Fs=600kHz, 0- 400LFM
L=0.6uH (MPL104-0R6IR)


Similar Part No. - ECJ-1VB1H222K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VB1H222K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AM IRF-IR3843AM_15 Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com