Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-TO220-3-FP Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PG-TO220-3-FP
Description  High speed 5 IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft anti parallel diode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PG-TO220-3-FP Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PG-TO220-3-FP Datasheet HTML 5Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 6Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 7Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 8Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 9Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 10Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 11Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 12Page - Infineon Technologies AG PG-TO220-3-FP Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
IKA08N65H5
Highspeedswitchingseriesfifthgeneration
Rev.1.1,2012-11-09
Figure 5.
Typicaloutputcharacteristic
(Tvj=150°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
3
6
9
12
15
18
21
24
VGE=20V
18V
12V
10V
8V
7V
6V
5V
Figure 6.
Typicaltransfercharacteristic
(VCE=20V)
VGE,GATE-EMITTERVOLTAGE[V]
4
5
6
7
8
9
0
3
6
9
12
15
18
21
24
Tj=25°C
Tj=150°C
Figure 7.
Typicalcollector-emittersaturationvoltageas
afunctionofjunctiontemperature
(VGE=15V)
Tvj,JUNCTIONTEMPERATURE[°C]
0
25
50
75
100
125
150
175
0.75
1.00
1.25
1.50
1.75
2.00
2.25
IC=2A
IC=4A
IC=8A
Figure 8.
Typicalswitchingtimesasafunctionof
collectorcurrent
(inductiveload,Tvj=150°C,VCE=400V,
VGE=15/0V,rG=48
Ω,Dynamictestcircuitin
Figure E)
IC,COLLECTORCURRENT[A]
0
3
6
9
12
15
18
21
24
1
10
100
td(off)
tf
td(on)
tr


Similar Part No. - PG-TO220-3-FP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PG-TO220-3-FP INFINEON-PG-TO220-3-FP Datasheet
2Mb / 17P
   High speed 5 FAST IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft anti parallel diode
Rev.1.1,2012-11-09
PG-TO220-3-FP INFINEON-PG-TO220-3-FP Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
PG-TO220-3-FP INFINEON-PG-TO220-3-FP Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results

Similar Description - PG-TO220-3-FP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA08N65F5 INFINEON-IKA08N65F5 Datasheet
2Mb / 17P
   High speed 5 FAST IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft anti parallel diode
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5_15 Datasheet
2Mb / 17P
   High speed 5 IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft antiparallel diode
Rev.2.1,2015-05-06
AIKB30N65DH5 INFINEON-AIKB30N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft anti-parallel diode
V 2.1 2019-10-17
AIKB15N65DF5 INFINEON-AIKB15N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft anti-parallel diode
V 2.1 2019-10-17
AIKB15N65DH5 INFINEON-AIKB15N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft anti-parallel diode
V 2.1 2019-10-17
AIKW50N65DF5 INFINEON-AIKW50N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V2.1 2017-06-30
AIKW40N65DF5 INFINEON-AIKW40N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V2.1 2017-06-30
AIKB40N65DF5 INFINEON-AIKB40N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.2 2019-10-17
AIKB40N65DH5 INFINEON-AIKB40N65DH5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.1 2019-10-17
AIKB30N65DF5 INFINEON-AIKB30N65DF5 Datasheet
1Mb / 16P
   High speed fast IGBT in TRENCHSTOPTM 5 technology copacked with RAPID 1 fast and soft antiparallel diode
V 2.1 2019-10-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com