Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE11XE2102ZB4B Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DE11XE2102ZB4B
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE11XE2102ZB4B Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DE11XE2102ZB4B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE11XE2102ZB4B Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 83 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C85E.pdf
Jul.13,2011
2
o Part Numbering
(Part Number)
Safety Standard Certified Ceramic Capacitors
tCapacitance
Expressed by three figures. The unit is pico-farad (pF). The first
and second figures are significant digits, and the third figure
expresses the number of zeros that follow the two numbers.
oIndividual Specification Code
For part number that cannot be identified without "Individual
Specification," it is added at the end of part number, expressed
by three-digit alphanumerics.
For Electrical Appliance and Material Safety Law of Japan, the first
three digits (
qProduct ID and wSeries Category) express "Series
Name."
For Safety Certified Capacitors, the first three digits express product
code. The fourth figure expresses certified type shown in
rSafety
Standard Certified Type column.
Vertical
Crimp
Long
Vertical
Crimp
Long
Vertical
Crimp
Short
Straight Long
Straight Short
Vertical
Crimp
Taping
Straight Taping
t
102
y
M
q
DE
u
N3
r
KH
e
E3
w
2
i
A
o
qProduct ID
wSeries Category
eTemperature Characteristics
rRated Voltage/Safety Standard Certified Type
Code
E2
KH
KY
KX
yCapacitance Tolerance
Capacitance Tolerance
Code
J
K
M
Z
T5%
T10%
T20%
W80%, Y20%
Contents
Outline
Code
1
2
J
Cap. Change
or Temp. Coeff.
Temperature
Range
Temperature
Characteristics
Rated Voltage
Code
B3
E3
F3
1X
T10%
W20%,Y55%
W30%,Y80%
W350 to Y1000ppm/D
Y25 to W85D
W20 to W85D
B
E
F
SL
Safety Standard
Certified
AC250V
(r.m.s.)
IEC60384-14 Class X1, Y1
IEC60384-14 Class X1, Y2
-Products based on the
Electrical Appliance and
Material Safety Law of Japan-
AC250V
X1, Y2; AC250V, (Safety Standard Certified Type KH)
X1, Y2; AC250V, (Safety Standard Certified Type KY)
X1, Y1; AC250V, (Safety Standard Certified Type KX)
Product ID
DE
Safety Standard Certified Ceramic Capacitors/
High Voltage Ceramic Capacitors
uLead Style
Lead
Style
Code
A2
A3
A4
A5
B2
B3
B4
B5
C3
D3
N2
N3
N4
N5
N7
P3
Lead
Spacing
Pitch of
Components
Lead Diameter
Dimensions (mm)
5
7.5
10
10
5
7.5
10
10
7.5
7.5
5
7.5
10
10
7.5
7.5
ø0.6
T0.05
ø0.6
W0.1,Y0.05
ø0.6
T0.05
ø0.6
W0.1, Y0.05
ø0.6
T0.05
ø0.6
T0.05
ø0.6
T0.05
ø0.6
W0.1, Y0.05
ø0.6
T0.05
ø0.6
T0.05
Y
Y
Y
Y
12.7
15
25.4
25.4
30
15
iPackaging
Packaging
Code
A
B
Ammo Pack Taping
Bulk


Similar Part No. - DE11XE2102ZB4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE11XE2102JA2A MURATA-DE11XE2102JA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102JA3A MURATA-DE11XE2102JA3A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102KA2A MURATA-DE11XE2102KA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
DE11XE2102MZA2A MURATA-DE11XE2102MZA2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors
More results

Similar Description - DE11XE2102ZB4B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com