Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKA15N65H5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IKA15N65H5
Description  650V DuoPack IGBT and Diode High speed switching series fifth generation
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKA15N65H5 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IKA15N65H5 Datasheet HTML 2Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 3Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 4Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 5Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 6Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 7Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 8Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 9Page - Infineon Technologies AG IKA15N65H5 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
IKA15N65H5
Highspeedswitchingseriesfifthgeneration
Rev.1.1,2012-11-09
Turn-on delay time
td(on)
-
16
-
ns
Rise time
tr
-
3
-
ns
Turn-off delay time
td(off)
-
138
-
ns
Fall time
tf
-
20
-
ns
Turn-on energy
Eon
-
0.04
-
mJ
Turn-off energy
Eoff
-
0.02
-
mJ
Total switching energy
Ets
-
0.06
-
mJ
Tvj=25°C,
VCC=400V,IC=2.0A,
VGE=0.0/15.0V,
rG=39.0
Ω,Lσ=30nH,
C
σ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
DiodeCharacteristic,atTvj=25°C
Diode reverse recovery time
trr
-
48
-
ns
Diode reverse recovery charge
Qrr
-
0.20
-
µC
Diode peak reverse recovery current
Irrm
-
8.0
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-200
-
A/µs
Tvj=25°C,
VR=400V,
IF=7.5A,
diF/dt=1000A/µs
Diode reverse recovery time
trr
-
25
-
ns
Diode reverse recovery charge
Qrr
-
0.09
-
µC
Diode peak reverse recovery current
Irrm
-
6.7
-
A
Diode peak rate of fall of reverse
recoverycurrentduringtb
dirr/dt
-
-500
-
A/µs
Tvj=25°C,
VR=400V,
IF=2.0A,
diF/dt=1000A/µs
SwitchingCharacteristic,InductiveLoad
Value
min.
typ.
max.
Parameter
Symbol Conditions
Unit
IGBTCharacteristic,atTvj=150°C
Turn-on delay time
td(on)
-
16
-
ns
Rise time
tr
-
8
-
ns
Turn-off delay time
td(off)
-
180
-
ns
Fall time
tf
-
16
-
ns
Turn-on energy
Eon
-
0.18
-
mJ
Turn-off energy
Eoff
-
0.08
-
mJ
Total switching energy
Ets
-
0.26
-
mJ
Tvj=150°C,
VCC=400V,IC=7.5A,
VGE=0.0/15.0V,
rG=39.0
Ω,Lσ=30nH,
C
σ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.
Turn-on delay time
td(on)
-
14
-
ns
Rise time
tr
-
4
-
ns
Turn-off delay time
td(off)
-
220
-
ns
Fall time
tf
-
30
-
ns
Turn-on energy
Eon
-
0.06
-
mJ
Turn-off energy
Eoff
-
0.03
-
mJ
Total switching energy
Ets
-
0.09
-
mJ
Tvj=150°C,
VCC=400V,IC=2.0A,
VGE=0.0/15.0V,
rG=39.0
Ω,Lσ=30nH,
C
σ=30pF
L
σ,CσfromFig.E
Energy losses include “tail” and
diode reverse recovery.


Similar Part No. - IKA15N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA15N65H5 INFINEON-IKA15N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
More results

Similar Description - IKA15N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW40N65F5 INFINEON-IKW40N65F5_13 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.2,2013-12-18
IKP40N65H5 INFINEON-IKP40N65H5_15 Datasheet
2Mb / 18P
   650V DuoPack IGBT and diode High speed switching series fifth generation
Rev.2.1,2015-05-06
IKP15N65H5 INFINEON-IKP15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65H5 INFINEON-IKA15N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKW50N65H5 INFINEON-IKW50N65H5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
IKP08N65H5 INFINEON-IKP08N65H5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA08N65F5 INFINEON-IKA08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKP08N65F5 INFINEON-IKP08N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKA15N65F5 INFINEON-IKA15N65F5_15 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.2.1,2015-05-05
IKW50N65F5 INFINEON-IKW50N65F5 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com