Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE14B48 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ALE14B48
Description  1a 16A power relay for micro wave oven Microwave ovens Refrigerators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALE14B48 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ALE14B48 Datasheet HTML 1Page - Panasonic Semiconductor ALE14B48 Datasheet HTML 2Page - Panasonic Semiconductor ALE14B48 Datasheet HTML 3Page - Panasonic Semiconductor ALE14B48 Datasheet HTML 4Page - Panasonic Semiconductor ALE14B48 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LE (ALE)
ASCTB194E 201202-T
SAFETY STANDARDS
For Cautions for Use.
UL/C-UL (Recognized)
CSA (Certified)
VDE (Certified)
TV rating (UL/CSA)
TÜV (Certified)
File No.
Contact rating
File No.
Contact rating
File No.
Contact rating
File No.
Rating
File No.
Rating
E43149
16A 277V AC
16A 30V DC
18A 125V AC
LR26550
16A 277V AC
16A 30V DC
18A 125V AC
40009159
16A 250V AC (cos
φ=1.0)
16A 30V DC (0ms)
UL
E43149
CSA
LR26550
TV-5
B 11 05
13461 297
16A 250V AC (cos
φ=1.0)
16A 30V DC (0ms)
PCB side four terminals
External dimensions
6.0
0.5
4.75
2.45
1.0
1.0
1.8
3.5
0.5
0.4
24.9
28.6
20.0
3.5
6.35
8.5
7.5
12.4
#187 terminal
0.8
0.8
.236
.020
.187
.096
.039
.039
.071
.138
.020
.016
.980
1.126
.787
.138
.250
.335
.295
.488
.031
.031
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
20.0
3.5
4-1.3 dia.
7.5
.787
.138
.051 dia.
.295
No
Com
Coil
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
2. PCB type
(No tab terminals)
External dimensions
0.5
1.0
2.45
1.0
3.5
0.3
0.4
1.8
4.3
24.9
0.8
0.8
20.0
28.6
7.5
12.4
.020
.039
.096
.039
.138
.012
.016
.071
.169
.980
.031
.031
.787
1.126
.295
.488
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
3.5
4-1.3 dia.
20.0
7.5
.138
4-.051 dia.
.787
.295
Coil
No
Com
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - ALE14B48

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE14B48 NAIS-ALE14B48 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
More results

Similar Description - ALE14B48

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com