Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE7PB06 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ALE7PB06
Description  1a 16A power relay for micro wave oven Microwave ovens Refrigerators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALE7PB06 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ALE7PB06 Datasheet HTML 1Page - Panasonic Semiconductor ALE7PB06 Datasheet HTML 2Page - Panasonic Semiconductor ALE7PB06 Datasheet HTML 3Page - Panasonic Semiconductor ALE7PB06 Datasheet HTML 4Page - Panasonic Semiconductor ALE7PB06 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LE (ALE)
ASCTB194E 201202-T
ORDERING INFORMATION
1a 16A power relay for
micro wave oven
LE RELAYS (ALE)
VDE
TMP type
PCB type
RoHS compliant
FEATURES
1. Supports magnetron and heater
loads.
Capable for switching magnetron and
heater loads found in microwave ovens.
2. Excellent heat resistance
Ambient temperature: up to 85
°C 185°F
Certified UL coil insulation class B and
class F
3. High insulation resistance
Creepage distance and clearances
between contact and coil:
Min. 8 mm .315 inch
Surge withstand voltage: 10,000V
4. Low operating power
Nominal operating power: 400mW/
200mW (High sensitive type)
5. A wide variety of types
Product line consists of 4 types with
different shapes and pins
6. Conforms to the various safety
standards:
UL, CSA, TÜV and VDE approved
UL, CSA and VDE approved (PCB type)
TYPICAL APPLICATIONS
• Microwave ovens
• Refrigerators
• OA equipment
LE relay
ALE
Terminal shape
2:
3:
4:
P:
TMP type/PCB side three terminals
(includes one dummy terminal)
TMP type/PCB side three terminals
TMP type/PCB side four terminals
PCB type (No tab terminals)
Coil insulation class
B:
F:
Class B insulation
Class F insulation
Nominal coil voltage, V DC
05: 5, 06: 6, 09: 9, 12: 12, 18: 18, 24: 24, 48: 48
Contact arrangement
1: 1 Form A (400 mW)
7: 1 Form A (200 mW)
Notes: • Certified by UL, CSA, TÜV and VDE (TMP type).
• Certified by UL, CSA and VDE (PCB type).


Similar Part No. - ALE7PB06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE72B05 NAIS-ALE72B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B06 NAIS-ALE72B06 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B09 NAIS-ALE72B09 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B12 NAIS-ALE72B12 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B18 NAIS-ALE72B18 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
More results

Similar Description - ALE7PB06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Changzhou Shunye Electr...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com