Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM61J12G205DO Datasheet(PDF) 1 Page - C&K Components

Part # DM61J12G205DO
Description  Miniature 2 Pole Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

DM61J12G205DO Datasheet(HTML) 1 Page - C&K Components

  DM61J12G205DO Datasheet HTML 1Page - C&K Components DM61J12G205DO Datasheet HTML 2Page - C&K Components DM61J12G205DO Datasheet HTML 3Page - C&K Components DM61J12G205DO Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G–70
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
G
DM Series
Miniature 2 Pole Power Rocker Switches
Models Available
Features/Benefits
3 AMPS to 10 AMPS
Quick connect terminals
Double pole in miniature size
Recessed bracket available—prevents
accidental actuation
RoHS compliant
Typical Applications
Computers
Appliances
Electric tools
Specifications
CONTACT RATING: DM2X Models: 3 AMPS @ 125 V AC; 2 AMPS @
250 V AC (UL/CSA). DM6X Models: 10 AMPS @ 125 V AC;
5 AMPS @ 250 V AC (UL/CSA). 6 AMPS @ 125 V AC, 3 AMPS @
250 V AC, T85 (VDE).
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
OPERATING TEMPERATURE: -20ºC to +65ºC
Materials
HOUSING & ACTUATOR: 6/6 nylon (UL94V-2), black.
MOVABLE CONTACTS: DM2X Models: Copper, silver plated.
DM6X Models: Coin silver, silver plated.
STATIONARY CONTACTS & TERMINALS: Copper or brass,
silver plated.
CONTACT SPRING: Music wire or stainless steel.
NOTE: Any models supplied with Q contact material are RoHS compliant.
NOTE: Specifications and materials listed above are for standard switches.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages G–71 and G–73. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
DM21 DPDT, On-On
DM22 DPST, On-Off
DM61 (STD.) DPDT, On-On
DM62 (STD.) DPST, On-Off
Actuator
J1 Rocker
Actuator Color
2
Black
1
White
Housing Style/Color
S2 Snap-in, black
B2 Recessed snap-in actuator guard, black
G2 Actuator guard, black
Contact Material
Q Silver
Terminations
05 Quick connect
Actuator Markings
NONE No marking
D ON-OFF
H O |
P O –


Similar Part No. - DM61J12G205DO

ManufacturerPart #DatasheetDescription
logo
ITT Industries
DM61J12G205DQ ITT-DM61J12G205DQ Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
More results

Similar Description - DM61J12G205DO

ManufacturerPart #DatasheetDescription
logo
C&K Components
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
DM61J12S205Q CK-COMPONENTS-DM61J12S205Q Datasheet
253Kb / 4P
   DM Series Miniature 2 Pole Power Rocker Switches
DA101J11S215DQF6 CK-COMPONENTS-DA101J11S215DQF6 Datasheet
286Kb / 4P
   Miniature Single Pole Rocker Switches
logo
ITT Industries
DT12J12S215QA ITT-DT12J12S215QA Datasheet
306Kb / 4P
   Miniature Double Pole Rocker Switches
logo
C&K Components
DA CK-COMPONENTS-DA Datasheet
505Kb / 4P
   Miniature Single Pole Rocker Switches
15 May 20
logo
ITT Industries
DA101J12S215QF ITT-DA101J12S215QF Datasheet
193Kb / 5P
   Miniature Single Pole Rocker Switches
logo
List of Unclassifed Man...
SLE210K-7 ETC2-SLE210K-7 Datasheet
529Kb / 3P
   Miniature Power Rocker Switches
logo
Copal Electronics
SLE6 COPAL-SLE6 Datasheet
297Kb / 4P
   Miniature Power Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com