Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGLN125V2-UC81I Datasheet(PDF) 8 Page - Microsemi Corporation

Part # AGLN125V2-UC81I
Description  IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AGLN125V2-UC81I Datasheet(HTML) 8 Page - Microsemi Corporation

Back Button AGLN125V2-UC81I Datasheet HTML 4Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 5Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 6Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 7Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 8Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 9Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 10Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 11Page - Microsemi Corporation AGLN125V2-UC81I Datasheet HTML 12Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 150 page
background image
IGLOO nano Device Overview
1-2
Revision 17
Flash Advantages
Low Power
Flash-based IGLOO nano devices exhibit power characteristics similar to those of an ASIC, making them
an ideal choice for power-sensitive applications. IGLOO nano devices have only a very limited power-on
current surge and no high-current transition period, both of which occur on many FPGAs.
IGLOO nano devices also have low dynamic power consumption to further maximize power savings;
power is reduced even further by the use of a 1.2 V core voltage.
Low dynamic power consumption, combined with low static power consumption and Flash*Freeze
technology, gives the IGLOO nano device the lowest total system power offered by any FPGA.
Security
Nonvolatile, flash-based IGLOO nano devices do not require a boot PROM, so there is no vulnerable
external bitstream that can be easily copied. IGLOO nano devices incorporate FlashLock, which provides
a unique combination of reprogrammability and design security without external overhead, advantages
that only an FPGA with nonvolatile flash programming can offer.
IGLOO nano devices utilize a 128-bit flash-based lock and a separate AES key to provide the highest
level of security in the FPGA industry for programmed intellectual property and configuration data. In
addition, all FlashROM data in IGLOO nano devices can be encrypted prior to loading, using the
industry-leading AES-128 (FIPS192) bit block cipher encryption standard. AES was adopted by the
National Institute of Standards and Technology (NIST) in 2000 and replaces the 1977 DES standard.
IGLOO nano devices have a built-in AES decryption engine and a flash-based AES key that make them
the most comprehensive programmable logic device security solution available today. IGLOO nano
devices with AES-based security provide a high level of protection for remote field updates over public
networks such as the Internet, and are designed to ensure that valuable IP remains out of the hands of
system overbuilders, system cloners, and IP thieves.
Security, built into the FPGA fabric, is an inherent component of IGLOO nano devices. The flash cells are
located beneath seven metal layers, and many device design and layout techniques have been used to
make invasive attacks extremely difficult. IGLOO nano devices, with FlashLock and AES security, are
unique in being highly resistant to both invasive and noninvasive attacks. Your valuable IP is protected
with industry-standard security, making remote ISP possible. An IGLOO nano device provides the best
available security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed, the
configuration data is an inherent part of the FPGA structure, and no external configuration data needs to
be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based IGLOO nano
FPGAs do not require system configuration components such as EEPROMs or microcontrollers to load
device configuration data. This reduces bill-of-materials costs and PCB area, and increases security and
system reliability.
Instant On
Microsemi flash-based IGLOO nano devices support Level 0 of the Instant On classification standard.
This feature helps in system component initialization, execution of critical tasks before the processor
wakes up, setup and configuration of memory blocks, clock generation, and bus activity management.
The Instant On feature of flash-based IGLOO nano devices greatly simplifies total system design and
reduces total system cost, often eliminating the need for CPLDs and clock generation PLLs. In addition,
glitches and brownouts in system power will not corrupt the IGLOO nano device's flash configuration,
and unlike SRAM-based FPGAs, the device will not have to be reloaded when system power is restored.
This enables the reduction or complete removal of the configuration PROM, expensive voltage monitor,
brownout detection, and clock generator devices from the PCB design. Flash-based IGLOO nano
devices simplify total system design and reduce cost and design risk while increasing system reliability
and improving system initialization time.
IGLOO nano flash FPGAs enable the user to quickly enter and exit Flash*Freeze mode. This is done
almost instantly (within 1 µs) and the device retains configuration and data in registers and RAM. Unlike
SRAM-based FPGAs, the device does not need to reload configuration and design state from external
memory components; instead it retains all necessary information to resume operation immediately.


Similar Part No. - AGLN125V2-UC81I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGLN125 MICROSEMI-AGLN125 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN125Z MICROSEMI-AGLN125Z Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
AGLN125Z1 MICROSEMI-AGLN125Z1 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
September 2012
More results

Similar Description - AGLN125V2-UC81I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
AGL1000V2-FGG144I ACTEL-AGL1000V2-FGG144I Datasheet
6Mb / 212P
   IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com