Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7101LH4ABE Datasheet(PDF) 4 Page - C&K Components

Part # 7101LH4ABE
Description  7000 Series Miniature Toggle Switches
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

7101LH4ABE Datasheet(HTML) 4 Page - C&K Components

  7101LH4ABE Datasheet HTML 1Page - C&K Components 7101LH4ABE Datasheet HTML 2Page - C&K Components 7101LH4ABE Datasheet HTML 3Page - C&K Components 7101LH4ABE Datasheet HTML 4Page - C&K Components 7101LH4ABE Datasheet HTML 5Page - C&K Components 7101LH4ABE Datasheet HTML 6Page - C&K Components 7101LH4ABE Datasheet HTML 7Page - C&K Components 7101LH4ABE Datasheet HTML 8Page - C&K Components 7101LH4ABE Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
F–6
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
F
7000 Series
Miniature Toggle Switches
ACTUATOR
*DIM. ‘A’
*
*
*
*
*
15/32-32 UNS-2A
.487
(12,37)
.448
(11,38)
15/32-32 UNS-2A
15/32-32 UNS-2A
.687
(17,45)
SP
ANTIROTATION, .420" HIGH 2,3
S
.420" HIGH 1
MP
ANTIROTATION, .200" HIGH 2,3
M
.200" HIGH 1
L1P, L2P
ANTIROTATION,
.840", .640", .550" HIGH 2,3
L, L1, L2
.840", .640", .550" HIGH 1
TP
ANTIROTATION, .687 (17,45) HIGH,
15/32 BUSHING 1,2,3
T
.687 (17,45) HIGH 1,2
T1P
ANTIROTATION, .487 (12,37) HIGH,
15/32 BUSHING 1,2,3
T1
.487 (12,37) HIGH 1,2
P1
FLATTED WITH ANTIROTATION, .840" HIGH 2,3
P3
FLATTED WITH ANTIROTATION,
.450" HIGH 2,3
P4
FLATTED WITH ANTIROTATION, .250" HIGH 2,3
S actuator standard when ordered with
C, W-W5, Z & Z3 terminations.
Caps are available separately, see page F-16.
M actuator standard when ordered with
all terminations except C, W-W5, Z & Z3.
Caps are available separately, see page F-16.
Bushing option code not required unless CW splashproof bushing ordered. TP & T1P
actuators not available with CW splashproof bushing. All TXX actuators not available on
single pole models with A-A4, AW1-AW4 terminations.
Bushing option code not required. T2P actuator not available
with CW splashproof bushing or single pole models with
A-A4, AW1-AW4 terminations.
NOTE: Black hardware is supplied when either
black actuators or bushings are specified. For
additional hardware, see Section N.
1 L, L1, L2, M, S & TXX actuators not available
with Y1 bushing.
2 L1P, L2P, MP, P1, P3, P4, SP & TXX actuators not
available with D8 & H4 bushing.
3 Antirotation: Provides anti-‘push-in’ feature on
actuator.
* Add .070 (1,78) for D, D8 & D9 bushings,
subtract .020 (0,51) for H3 bushing.
Caps are available separately, see page F-16.
Dress nut part number 709901201 supplied standard with threaded bushing. (Part number 709903201 with metric threaded bushings.)
T2P
FLATTED, ANTIROTATION, .610" HIGH,
15/32 BUSHING 1,2,3
L
.840 (21,34)
L1, L1P
.640 (16,26)
L2, L2P
.550 (13,97)
DIM ‘A’
OPTION
CODE
NONE
BRIGHT CHROME-With Nickel Plated Bushing
2
BLACK
S
SATIN CHROME
ACTUATOR FINISH
OPTION
CODE
ACTUATOR FINISH
ACTUATOR


Similar Part No. - 7101LH4ABE

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
7101 GILWAY-7101 Datasheet
33Kb / 1P
   T- Subminiature Lamps
logo
List of Unclassifed Man...
7101 ETC1-7101 Datasheet
36Kb / 1P
   Common Mode EMI Inductors
logo
Filtran LTD
7101 FILTRAN-7101 Datasheet
127Kb / 1P
   FIBRE CHANNEL Dual Transformer
logo
Coto Technology
7101 COTO-7101 Datasheet
1Mb / 4P
   7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
C&K Components
7101 CK-COMPONENTS-7101 Datasheet
1Mb / 22P
   Miniature Rocker Lever Handle Switches
More results

Similar Description - 7101LH4ABE

ManufacturerPart #DatasheetDescription
logo
C&K Components
7101SD9AV2BE CK-COMPONENTS-7101SD9AV2BE Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7201SYZQE CK-COMPONENTS-7201SYZQE_13 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
C&K Components
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
   Miniature Toggle Switches
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
   Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
E-SWITCH
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
   TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
   Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
   Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com