Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGN210S24 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AGN210S24
Description  High Sensitivity, with 100mW nominal operating power, in a compact and space saving case
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGN210S24 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AGN210S24 Datasheet HTML 1Page - Panasonic Semiconductor AGN210S24 Datasheet HTML 2Page - Panasonic Semiconductor AGN210S24 Datasheet HTML 3Page - Panasonic Semiconductor AGN210S24 Datasheet HTML 4Page - Panasonic Semiconductor AGN210S24 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GN (AGN)
ASCTB13E 201209-T
TYPES
1. Standard PC board terminal
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
2. Surface-mount terminal
1) Tube packing
: For each surface-mounted terminal identification, input the following letter. A type: A, S type: S
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
2) Tape and reel packing
: For each surface-mounted terminal identification, input the following letter. A type: A, S type: S
Standard packing: Tape and reel: 500 pcs.; Case: 1,000 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
2. Please inquire if you require a relay, between 1.5 and 24 V DC, with a voltage not listed.
RATING
1. Coil data
1) Single side stable type
2) 1 coil latching type
*Pulse drive (JIS C 5442-1996)
Nominal coil voltage
Single side stable
1 coil latching
High sensitivity single side stable
Part No.
Part No.
Part No.
1.5V DC
AGN2001H
AGN2101H
AGN2601H
3V DC
AGN20003
AGN21003
AGN26003
4.5V DC
AGN2004H
AGN2104H
AGN2604H
6V DC
AGN20006
AGN21006
AGN26006
9V DC
AGN20009
AGN21009
AGN26009
12V DC
AGN20012
AGN21012
AGN26012
24V DC
AGN20024
AGN21024
AGN26024
Nominal coil voltage
Single side stable
1 coil latching
High sensitivity single side stable
Part No.
Part No.
Part No.
1.5V DC
AGN200 1H
AGN210 1H
AGN260 1H
3V DC
AGN200 03
AGN210 03
AGN260 03
4.5V DC
AGN200 4H
AGN210 4H
AGN260 4H
6V DC
AGN200 06
AGN210 06
AGN260 06
9V DC
AGN200 09
AGN210 09
AGN260 09
12V DC
AGN200 12
AGN210 12
AGN260 12
24V DC
AGN200 24
AGN210 24
AGN260 24
Nominal coil voltage
Single side stable
1 coil latching
High sensitivity single side stable
Part No.
Part No.
Part No.
1.5V DC
AGN200 1HZ
AGN210 1HZ
AGN260 1HZ
3V DC
AGN200 03Z
AGN210 03Z
AGN260 03Z
4.5V DC
AGN200 4HZ
AGN210 4HZ
AGN260 4HZ
6V DC
AGN200 06Z
AGN210 06Z
AGN260 06Z
9V DC
AGN200 09Z
AGN210 09Z
AGN260 09Z
12V DC
AGN200 12Z
AGN210 12Z
AGN260 12Z
24V DC
AGN200 24Z
AGN210 24Z
AGN260 24Z
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
93.8mA
16
140mW
150%V of
nominal voltage
3V DC
46.7mA
64.2
4.5V DC
31mA
145
6V DC
23.3mA
257
9V DC
15.5mA
579
12V DC
11.7mA
1,028
24V DC
9.6mA
2,504
230mW
120%V of
nominal voltage
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
66.7mA
22.5
100mW
150%V of
nominal voltage
3V DC
33.3mA
90
4.5V DC
22.2mA
202.5
6V DC
16.7mA
360
9V DC
11.1mA
810
12V DC
8.3mA
1,440
24V DC
5.0mA
4,800
120mW


Similar Part No. - AGN210S24

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGN210S24 NAIS-AGN210S24 Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
AGN210S24Z NAIS-AGN210S24Z Datasheet
103Kb / 4P
   ULTRA-SMALL PACKAGE SLIM POLARIZED RELAY
More results

Similar Description - AGN210S24

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AGN PANASONICBATTERY-AGN Datasheet
117Kb / 5P
   High Sensitivity, with 100mW nominal operating power
logo
Omron Electronics LLC
P2RF-08 OMRON-P2RF-08 Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R2SNDC24S OMRON-G2R2SNDC24S Datasheet
819Kb / 11P
   Slim and Space-saving Power Plug-in Relay
G2R-1-S OMRON-G2R-1-S Datasheet
1Mb / 15P
   Slim and Space-saving Power Plug-in Relay
G2R1SNIDC24S OMRON-G2R1SNIDC24S Datasheet
836Kb / 12P
   Slim and Space-saving Power Plug-in Relay
logo
Murata Manufacturing Co...
PTGL07AS121M0N51A0 MURATA-PTGL07AS121M0N51A0 Datasheet
202Kb / 3P
   space-saving
logo
Nais(Matsushita Electri...
DS2Y NAIS-DS2Y Datasheet
57Kb / 3P
   2 Form C contact High sensitivity-200 mW nominal operating power
logo
Murata Manufacturing Co...
MPD6S022S MURATA-MPD6S022S Datasheet
316Kb / 9P
   High efficiency and small size and floor space saving
logo
Allegro MicroSystems
ACS70331 ALLEGRO-ACS70331 Datasheet
1Mb / 26P
   High Sensitivity, 1 MHz, GMR-Based Current Sensor IC in Space-Saving, Low Resistance QFN and SOIC-8 Packages
logo
Panasonic Semiconductor
TX2SA-5V-Z PANASONIC-TX2SA-5V-Z Datasheet
3Mb / 7P
   Very High Sensitivity, 50 mW (nominal operating) Rely with LT style pin layout
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com