Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALD210800ASCL Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD210800ASCL
Description  PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD MATCHED PAIR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD210800ASCL Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD210800ASCL Datasheet HTML 1Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 2Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 3Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 4Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 5Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 6Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 7Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 8Page - Advanced Linear Devices ALD210800ASCL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ALD210800/ALD210800A
Advanced Linear Devices
2 of 12
ABSOLUTE MAXIMUM RATINGS
Notes:
1
Consists of junction leakage currents
OPERATING ELECTRICAL CHARACTERISTICS
V+ = +5V V- = GND TA = 25°C unless otherwise specified
ALD210800A
ALD210800
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Test Conditions
Gate Threshold Voltage
VGS(th)
-0.01
0.00
0.01
-0.02
0.00
0.02
V
IDS =10µA, VDS = 0.1V
Offset Voltage
VOS
1
2
2
10
mV
VGS(th)M1-VGS(th)M2
or VGS(th)M3-VGS(th)M4
Offset Voltage Tempco
TCVOS
55
µV/°CVDS1 = VDS2
Gate Threshold Voltage Tempco
TCVGS(th)
-1.6
-1.6
mV/°CID = 10 µA, VDS = 0.1 V
0.0
0.0
ID = 380 uA, VDS = 0.1V
+1.6
+1.6
ID = 700 uA, VDS = 0.1 V
Drain Source On Current
IDS (ON)
70
70
mA
VGS = +4.0V, VDS = +5V
50
50
µAVGS = +0.1V, VDS = +0.1V
Forward Transconductance
GFS
24
24
mmho
VGS = +4.0V
VDS = +5.0V
Transconductance Mismatch
∆GFS
1.8
1.8
%
Output Conductance
GOS
1.6
1.6
mmho
VGS = +4.0V
VDS = +5.0V
Drain Source On Resistance
RDS (ON)
25
25
VGS = +5.0V
VDS = +0.1V
Drain Source On Resistance
RDS (ON)
10
10
KΩ
VDS = +0.1V, VGS = +0.0V
2.0
2.0
VDS = +0.1V, VGS = +0.1V
Drain Source On Resistance
∆RDS (ON)
1.8
1.8
%
VDS = +0.1V
Tolerance
VGS = +5.0V
Drain Source On Resistance
∆RDS (ON)
0.6
0.6
%
Mismatch
Drain Source Breakdown
BVDSX
10
10
V
V-= VGS = -1.0V
Voltage
IDS = 10µA
Drain Source Leakage Current1
IDS (OFF)
10
400
10
400
pA
VGS = -1.0V, VDS =+5V
V- = -5V
44
nA
TA = 125°C
Gate Leakage Current1
IGSS
5
200
5
200
pA
VGS = +5V, VDS = 0V
11
nA
TA =125°C
Input Capacitance
CISS
15
15
pF
Transfer Reverse Capacitance
CRSS
11
pF
Turn-on Delay Time
ton
10
10
ns
V+ = 5V, RL= 5KΩ
Turn-off Delay Time
toff
10
10
ns
V+ = 5V, RL= 5KΩ
Crosstalk
60
60
dB
f = 100KHz
Drain-Source voltage, VDS
10.6V
Gate-Source voltage, VGS
10.6V
Operating Current
80 mA
Power dissipation
500 mW
Operating temperature range SCL, PCL
0°C to +70°C
Storage temperature range
-65°C to +150°C
Lead temperature, 10 seconds
+260°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.


Similar Part No. - ALD210800ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD210800ASCL ALD-ALD210800ASCL Datasheet
522Kb / 12P
   PRECISION N-CHANNEL EPAD
ALD210800ASCL ALD-ALD210800ASCL Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
More results

Similar Description - ALD210800ASCL

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD310700 ALD-ALD310700 Datasheet
512Kb / 9P
   PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD ZERO THRESHOLD MATCHED PAIR
ALD210808 ALD-ALD210808 Datasheet
113Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE MATCHED PAIR
ALD210800 ALD-ALD210800_V01 Datasheet
519Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY QUAD HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800 ALD-ALD110800 Datasheet
38Kb / 2P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD EPAD MATCHED PAIR MOSET ARRAY
ALD210802 ALD-ALD210802 Datasheet
107Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD210804 ALD-ALD210804 Datasheet
107Kb / 12P
   PRECISION N-CHANNEL EPAD MOSFET ARRAY QUAD HIGH DRIVE NANOPOWER MATCHED PAIR
ALD212900A ALD-ALD212900A Datasheet
517Kb / 12P
   PRECISION N-CHANNEL EPAD짰 MOSFET ARRAY DUAL HIGH DRIVE ZERO THRESHOLD??MATCHED PAIR
2019
ALD110800A ALD-ALD110800A_V01 Datasheet
127Kb / 12P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
2019
ALD110800 ALD-ALD110800_12 Datasheet
109Kb / 11P
   QUAD/DUAL N-CHANNEL ZERO THRESHOLD??EPAD짰 PRECISION MATCHED PAIR MOSFET ARRAY
ALD1123E ALD-ALD1123E Datasheet
55Kb / 8P
   QUAD/DUAL EPAD PRECISION MATCHED PAIR N-CHANNEL MOSFET ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com