Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP90077MHXNOPB Datasheet(PDF) 9 Page - Texas Instruments

Part # LMP90077MHXNOPB
Description  Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMP90077MHXNOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP90077MHXNOPB Datasheet HTML 5Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 6Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 7Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 8Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 9Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 10Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 11Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 12Page - Texas Instruments LMP90077MHXNOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
LMP90077, LMP90078, LMP90079, LMP90080
www.ti.com
SNAS521F – JULY 2011 – REVISED MARCH 2013
Electrical Characteristics (continued)
Unless otherwise noted, the key for the condition is (VA = VIO = VREF) / ODR (SPS) / buffer / calibration / gain . Boldface
limits apply for TMIN ≤ TA ≤ TMAX; the typical values apply for TA = +25°C.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
3V & 5V / 214.65 / OFF / OFF / 1,
0.34
1.53
%
IB1/IB2 = 100 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.22
1
%
IB1/IB2 = 200 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.2
0.85
%
IB1/IB2 = 300 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.15
0.8
%
IB1/IB2 = 400 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.14
0.7
%
IB1/IB2 = 500 µA
IBMT
IB1/IB2 Matching
3V & 5V / 214.65 / OFF / OFF / 1,
0.13
0.7
%
IB1/IB2 = 600 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.075
0.65
%
IB1/IB2 = 700 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.085
0.6
%
IB1/IB2 = 800 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.11
0.55
%
IB1/IB2 = 900 µA
3V & 5V / 214.65 / OFF / OFF / 1,
0.11
0.45
%
IB1/IB2 = 1000 µA
IB1/IB2 Matching
VA = 3.0V & 5.0V, IB1/IB2 = 100 µA to
IBMTC
2
ppm/°C
Drfit
1000 µA
INTERNAL/EXTERNAL CLK
Internal Clock
CLKIN
893
kHz
Frequency
External Clock
CLKEXT
See(3)
1.8
3.5717
7.2
MHz
Frequency
Input Low Voltage
0
V
Input High Voltage
1
V
External Crystal
Frequency
Frequency
1.8
3.5717
7.2
MHz
Start-up time
7
ms
SCLK
Serial Clock
10
MHz
Table 1. ENOB (Noise Free Resolution) vs. Sampling Rate and Gain at VA = VIO = VREF = 3V
Gain
ODR (SPS)
1
2
4
8
16
32
64
128
1.6775
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
3.355
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (14.5)
6.71
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (16)
16 (16)
16 (15)
16 (14.5)
13.42
16 (16)
16 (16)
16 (15.5)
16 (15)
16 (16)
16 (15.5)
16 (15)
16 (14)
26.83125
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (15)
53.6625
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (16)
16 (15)
16 (14.5)
107.325
16 (16)
16 (16)
16 (16)
16 (15.5)
16 (16)
16 (15.5)
16 (14.5)
16 (14)
214.65
16 (16)
16 (16)
16 (15.5)
16 (15)
16 (16)
16 (15)
16 (14.5)
16 (13.5)
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP90077 LMP90078 LMP90079 LMP90080


Similar Part No. - LMP90077MHXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90077MHX TI1-LMP90077MHX Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90077MHX/NOPB NSC-LMP90077MHX/NOPB Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
More results

Similar Description - LMP90077MHXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90100 TI1-LMP90100_13 Datasheet
1Mb / 69P
[Old version datasheet]   LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
logo
National Semiconductor ...
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
Allegro MicroSystems
A1468 ALLEGRO-A1468 Datasheet
693Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1469 ALLEGRO-A1469 Datasheet
881Kb / 15P
   Three-Wire True Zero-Speed Differential Peak-Detecting Sensor IC with Continuous Calibration
A1642LK ALLEGRO-A1642LK Datasheet
326Kb / 13P
   Two-Wire True Zero-Speed Miniature Differential Peak-Detecting Sensor with Continuous Calibration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com