Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6598D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6598D
Description  High voltage resonant controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598D Datasheet(HTML) 1 Page - STMicroelectronics

  L6598D Datasheet HTML 1Page - STMicroelectronics L6598D Datasheet HTML 2Page - STMicroelectronics L6598D Datasheet HTML 3Page - STMicroelectronics L6598D Datasheet HTML 4Page - STMicroelectronics L6598D Datasheet HTML 5Page - STMicroelectronics L6598D Datasheet HTML 6Page - STMicroelectronics L6598D Datasheet HTML 7Page - STMicroelectronics L6598D Datasheet HTML 8Page - STMicroelectronics L6598D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
October 2009
Doc ID 6554 Rev 7
1/24
24
L6598
High voltage resonant controller
Features
High voltage rail up to 600 V
dV/dt immunity ±50 V/ns in full temperature
range
Driver current capability: 250 mA source
450 mA sink
Switching times 80/40 ns rise/fall with 1 nF load
CMOS shutdown input
Undervoltage lock-out
Soft-start frequency shifting timing
Sense op amp for closed loop control or
protection features
High accuracy current controlled oscillator
Integrated bootstrap diode
Clamping on Vs
SO16, DIP16 packages
Description
The device is manufactured with the BCD OFF
LINE technology, able to ensure voltage ratings
up to 600 V, making it perfectly suited for AC/DC
Adapters and wherever a resonant topology can
be beneficial. The device is intended to drive two
power MOSFET, in the classical half bridge
topology. A dedicated timing section allows the
designer to set soft start time, soft start and
minimum frequency. An error amplifier, together
with the two enable inputs, are made available. In
addition, the integrated bootstrap diode and the
zener clamping on low voltage supply, reduces to
a minimum the external parts needed in the
applications.
Figure 1.
Block diagram
www.st.com


Similar Part No. - L6598D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6598D STMICROELECTRONICS-L6598D Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6598D STMICROELECTRONICS-L6598D Datasheet
249Kb / 17P
   HIGH VOLTAGE RESONANT CONTROLLER
L6598D013TR STMICROELECTRONICS-L6598D013TR Datasheet
249Kb / 17P
   HIGH VOLTAGE RESONANT CONTROLLER
More results

Similar Description - L6598D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598_04 Datasheet
249Kb / 17P
   HIGH VOLTAGE RESONANT CONTROLLER
L6699DTR STMICROELECTRONICS-L6699DTR Datasheet
960Kb / 38P
   Enhanced high voltage resonant controller
L6599AN STMICROELECTRONICS-L6599AN Datasheet
1Mb / 35P
   Improved high-voltage resonant controller
January 2013 Rev 7
L6599AT STMICROELECTRONICS-L6599AT Datasheet
977Kb / 32P
   Improved high voltage resonant controller
July 2015 Rev 7
L6599ATD STMICROELECTRONICS-L6599ATD Datasheet
864Kb / 31P
   Improved high-voltage resonant controller
October 2009 Rev 3
L6699 STMICROELECTRONICS-L6699 Datasheet
960Kb / 38P
   Enhanced high voltage resonant controller
January 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com