Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM320T-15NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM320T-15NOPB
Description  LM120/LM320-N Series 3-Terminal Negative Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM320T-15NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM320T-15NOPB Datasheet HTML 1Page - Texas Instruments LM320T-15NOPB Datasheet HTML 2Page - Texas Instruments LM320T-15NOPB Datasheet HTML 3Page - Texas Instruments LM320T-15NOPB Datasheet HTML 4Page - Texas Instruments LM320T-15NOPB Datasheet HTML 5Page - Texas Instruments LM320T-15NOPB Datasheet HTML 6Page - Texas Instruments LM320T-15NOPB Datasheet HTML 7Page - Texas Instruments LM320T-15NOPB Datasheet HTML 8Page - Texas Instruments LM320T-15NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LM120, LM320-N
www.ti.com
SNVS756C – APRIL 1998 – REVISED APRIL 2013
LM120H-12 ELECTRICAL CHARACTERISTICS (continued)
Metal Can Package
Order Numbers
LM120H-12
(TO)
Units
Design Output Current (ID)
0.2A
Device Dissipation (PD)
2W
Parameter
Conditions (1)
Min
Typ
Max
(2)
5 mA
≤ ILOAD ≤ ID
Output Voltage,
14.5V
≤ VIN ≤ VMAX,
−12.5
−11.5
V
(1)
5 mA
≤ ILOAD ≤ ID, P ≤ PD
Quiescent Current
VMIN ≤ VIN ≤ VMAX
2
4
mA
Quiescent Current
TJ = 25°C
Change
VMIN ≤ VIN ≤ VMAX
0.05
0.4
mA
5 mA
≤ ILOAD ≤ ID
0.03
0.4
mA
Output Noise Voltage
TA = 25°C, CL = 1 μF, IL = 5 mA,
400
μV
VIN = 17V, 10 Hz ≤ f ≤ 100 kHz
Long Term Stability
12
120
mV
Thermal Resistance
Junction to Case
(3)
°C/W
Junction to Ambient
(3)
°C/W
(2)
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account
separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low
thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical
specifications apply only up to PD.
(3)
Thermal resistance of typically 85°C/W (in 400 linear feet/min air flow), 224°C/W (in static air) junction to ambient, of typically 21°C/W
junction to case.
LM320T-12 ELECTRICAL CHARACTERISTICS
Power Plastic Package
Order Numbers
LM320T-12
(TO-220)
Units
Design Output Current (ID)
1A
Device Dissipation (PD)
15W
Parameter
Conditions (1)
Min
Typ
Max
Output Voltage
TJ = 25°C, VIN = 17V,
−12.4
−12
−11.6
V
ILOAD = 5 mA
Line Regulation
TJ = 25°C, ILOAD = 5 mA,
4
20
mV
VMIN ≤ VIN ≤ VMAX
Input Voltage
−32
−14.5
V
Ripple Rejection
f = 120 Hz
56
80
dB
Load Regulation,
TJ = 25°C, VIN = 17V,
30
80
mV
(2)
5 mA
≤ ILOAD ≤ ID
Output Voltage,
14.5V
≤ VIN ≤ VMAX,
−12.6
−11.4
V
(1)
5 mA
≤ ILOAD ≤ ID, P ≤ PD
Quiescent Current
VMIN ≤ VIN ≤ VMAX
2
4
mA
Quiescent Current
TJ = 25°C
Change
VMIN ≤ VIN ≤ VMAX
0.1
0.4
mA
5 mA
≤ ILOAD ≤ ID
0.1
0.4
mA
(1)
This specification applies over
−55°C ≤ TJ ≤ +150°C for the LM120 and 0°C ≤ TJ ≤ +125°C for the LM320-N.
(2)
Regulation is measured at constant junction temperature. Changes in output voltage due to heating effects must be taken into account
separately. To ensure constant junction temperature, low duty cycle, pulse testing is used. The LM120/LM320-N series does have low
thermal feedback, improving line and load regulation. On all other tests, even though power dissipation is internally limited, electrical
specifications apply only up to PD.
Copyright © 1998–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM120 LM320-N


Similar Part No. - LM320T-15NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM320T-15 NSC-LM320T-15 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM320T-15 TI1-LM320T-15 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
LM320T-15/NOPB TI1-LM320T-15/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
More results

Similar Description - LM320T-15NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM120 TI-LM120_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM120/LM320-N Series 3-Terminal Negative Regulators
LM120 TI1-LM120_16 Datasheet
1Mb / 22P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM120 NSC-LM120 Datasheet
268Kb / 12P
   Series 3-Terminal Negative Regulators
logo
Texas Instruments
LM120QML TI1-LM120QML_16 Datasheet
640Kb / 19P
[Old version datasheet]   Series 3-Terminal Negative Regulators
LM79L05 TI-LM79L05_15 Datasheet
943Kb / 17P
[Old version datasheet]   Series 3-Terminal Negative Regulators
logo
National Semiconductor ...
LM79M05C NSC-LM79M05C Datasheet
211Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L_06 Datasheet
615Kb / 8P
   3-Terminal Negative Regulators
LM320L NSC-LM320L Datasheet
210Kb / 8P
   3-Terminal Negative Regulators
logo
Texas Instruments
LM79M05 TI1-LM79M05_13 Datasheet
1Mb / 14P
[Old version datasheet]   3-Terminal Negative Regulators
logo
National Semiconductor ...
LM320L NSC-LM320L_03 Datasheet
209Kb / 8P
   3-Terminal Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com