Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA129 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA129
Description  Ultra-Low Bias Current Difet짰 OPERATIONAL AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA129 Datasheet(HTML) 1 Page - Texas Instruments

  OPA129 Datasheet HTML 1Page - Texas Instruments OPA129 Datasheet HTML 2Page - Texas Instruments OPA129 Datasheet HTML 3Page - Texas Instruments OPA129 Datasheet HTML 4Page - Texas Instruments OPA129 Datasheet HTML 5Page - Texas Instruments OPA129 Datasheet HTML 6Page - Texas Instruments OPA129 Datasheet HTML 7Page - Texas Instruments OPA129 Datasheet HTML 8Page - Texas Instruments OPA129 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Ultra-Low Bias Current
Difet®
OPERATIONAL AMPLIFIER
FEATURES
q ULTRA-LOW BIAS CURRENT: 100fA max
q LOW OFFSET: 2mV max
q LOW DRIFT: 10
µV/°C max
q HIGH OPEN-LOOP GAIN: 94dB min
q LOW NOISE: 15nV/
Hz at 10kHz
q PLASTIC DIP AND SO PACKAGES
APPLICATIONS
q PHOTODETECTOR PREAMPS
q CHROMATOGRAPHY
q ELECTROMETER AMPLIFIERS
q MASS SPECTROMETERS
q pH PROBE AMPLIFIERS
q ION GAGE MEASUREMENT
DESCRIPTION
The OPA129 is an ultra-low bias current monolithic
operational amplifier offered in an 8-pin PDIP and
SO-8
package.
Using
advanced
geometry
dielectrically-isolated FET (
Difet®) inputs, this monolithic
amplifier achieves a high performance level.
Difet fabrication eliminates isolation-junction leakage
current—the main contributor to input bias current with
conventional monolithic FETs. This reduces
input bias current by a factor of 10 to 100. Very low
input bias current can be achieved without resorting to
small-geometry FETs or CMOS designs which can
suffer from much larger offset voltage, voltage noise,
drift, and poor power-supply rejection.
The OPA129 special pinout eliminates leakage current
that occurs with other op amps. Pins 1 and 4 have no
internal connection, allowing circuit board guard traces—
even with the surface-mount package version.
OPA129 is available in 8-pin DIP and SO packages,
specified for operation from –40
°C to +85°C.
+In
Output
6
Noise-Free
Cascode
7
5
V–
V+
30k
30k
–In
3
2
Simplified Circuit
8
Substrate
OPA
129
OPA129
OPA129
SBOS026A – JANUARY 1994 – REVISED APRIL 2007
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1994–2007, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Difet is a registered trademark of Texas Instruments.
All other trademarks are the property of their respective owners.


Similar Part No. - OPA129

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129 TI-OPA129 Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
OPA129 TI1-OPA129 Datasheet
661Kb / 15P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA129P BURR-BROWN-OPA129P Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA129P TI-OPA129P Datasheet
643Kb / 14P
[Old version datasheet]   Ultra-Low Bias Current Difet PERATIONAL AMPLIFIER
More results

Similar Description - OPA129

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA129 BURR-BROWN-OPA129 Datasheet
640Kb / 7P
   Ultra-Low Bias Current Difet OPERATIONAL AMPLIFIER
logo
Analog Devices
OP-297 AD-OP-297 Datasheet
592Kb / 16P
   DUAL LOW BIAS CURRENT PRECISION OPERATIONAL AMPLIFIER
REV. B
OP297 AD-OP297_06 Datasheet
323Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. F
OP297 AD-OP297_03 Datasheet
266Kb / 12P
   Dual Low Bias Current Precision Operational Amplifier
REV. E
OP297 AD-OP297_15 Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
OP297 AD-OP297 Datasheet
191Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
REV. D
OP297S AD-OP297S Datasheet
342Kb / 16P
   Dual Low Bias Current Precision Operational Amplifier
Rev. G
logo
Intronics Power, Inc.
310 INTRONICS-310 Datasheet
984Kb / 5P
   Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
List of Unclassifed Man...
310 ETC1-310 Datasheet
50Kb / 1P
   Ultra Low Bias Current Varactor Bridge Operational Amplifiers
logo
Analog Devices
OP-41 AD-OP-41_15 Datasheet
3Mb / 11P
   LOW BIAS CURRENT HIGH STABILITY JFET OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com