Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7888ARU-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7888ARU-REEL7
Description  2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7888ARU-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7888ARU-REEL7 Datasheet HTML 5Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 6Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 7Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 8Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 9Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 10Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 11Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 12Page - Analog Devices AD7888ARU-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AD7888
–9–
TYPICAL CONNECTION DIAGRAM
Figure 8 shows a typical connection diagram for the AD7888.
Both AGND pins are connected to the analog ground plane of
the system. VREF is connected to a well decoupled VDD pin to
provide an analog input range of 0 V to VDD. The conversion
result is output in a 16-bit word with four leading zeroes fol-
lowed by the MSB of the 12-bit result. For applications where
power consumption is of concern, the automatic power down at
the end of conversion should be used to improve power perfor-
mance. See Modes of Operation section of the data sheet.
DOUT
DIN
SCLK
CS
C/ P
AIN1
AIN2
AIN8
AGND
AGND
0.1 F
10 F
SUPPLY 2.7V
TO 5.25V
0V TO
REF IN/
REF OUT
INPUT
SERIAL
INTERFACE
REF IN/
REF OUT
VDD
AD7888
Figure 8. Typical Connection Diagram
Analog Input
Figure 9 shows an equivalent circuit of the analog input structure
of the AD7888. The two diodes D1 and D2 provide ESD pro-
tection for the analog inputs. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more
than 200 mV. This will cause these diodes to become forward-
biased and start conducting current into the substrate. 20 mA is
the maximum current these diodes can conduct without causing
irreversible damage to the part. However, it is worth noting that
a small amount of current (1 mA) being conducted into the
substrate due to an overvoltage on an unselected channel, can
cause inaccurate conversions on a selected channel. The capaci-
tor C1 in Figure 9 is typically about 4 pF and can primarily be
attributed to pin capacitance. The resistor R1 is a lumped com-
ponent made up of the on resistance of a multiplexer and a switch.
This resistor is typically about 100
Ω. The capacitor C2 is the
ADC sampling capacitor and has a capacitance of 20 pF typically.
Note: The analog input capacitance seen when the track and
hold is in track mode is typically 38 pF, while in hold mode it is
typically 4 pF.
VIN
VDD
D2
R1
C1
4pF
CONVERSION PHASE – SWITCH OPEN
TRACK PHASE – SWITCH CLOSED
D1
C2
20pF
Figure 9. Equivalent Analog Input Circuit
For ac applications, removing high frequency components from
the analog input signal is recommended by use of an RC low-
pass filter on the relevant analog input pin. In applications
where harmonic distortion and signal to noise ratio are critical
the analog input should be driven from a low impedance source.
Large source impedances will significantly affect the ac perfor-
mance of the ADC. This may necessitate the use of an input
buffer amplifier. The choice of the op amp will be a function of
the particular application.
When no amplifier is used to drive the analog input the source
impedance should be limited to low values. The maximum
source impedance will depend on the amount of total harmonic
distortion (THD) that can be tolerated. The THD will increase
as the source impedance increases and performance will degrade.
Figure 10 shows a graph of the total harmonic distortion versus
analog input signal frequency for different source impedances.
INPUT FREQUENCY – kHz
–90
0.15
42.14
10.89
31.59
21.14
–85
–80
–75
–70
–65
49.86
THD vs. FREQUENCY FOR DIFFERENT
SOURCE IMPEDANCES
VDD = 5V
5V EXT REFERENCE
RIN = 1k , CIN = 100pF
RIN = 50 , CIN = 2.2nF
RIN = 10 , CIN = 10nF
Figure 10. THD vs. Analog Input Frequency
Analog Input Selection
On power-up, the default AIN selection is AIN1. When returning
to normal operation from power-down, the AIN selected will be
the same one that was selected prior to power-down being initi-
ated. Table II below shows the multiplexer address correspond-
ing to each analog input from AIN1 to AIN8 for the AD7888.
Table II. Channel Configurations
ADD2
ADD1
ADD0
Analog Input Channel
0
0
0
AIN1
0
0
1
AIN2
0
1
0
AIN3
0
1
1
AIN4
1
0
0
AIN5
1
0
1
AIN6
1
1
0
AIN7
1
1
1
AIN8
On-Chip Reference
The AD7888 has an on-chip 2.5 V reference. This reference can
be enabled or disabled by clearing or setting the REF bit in the
Control Register, respectively. If the on-chip reference is to
be used externally in a system, it must be buffered before it is
applied elsewhere. If an external reference is applied to the device,
the internal reference is automatically overdriven. However, in
REV. C


Similar Part No. - AD7888ARU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7888ARU-REEL7 AD-AD7888ARU-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARU-REEL7 AD-AD7888ARU-REEL7 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
More results

Similar Description - AD7888ARU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887 Datasheet
133Kb / 16P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
REV. B
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7923 AD-AD7923_11 Datasheet
380Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com