Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA404KU Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA404KU
Description  Quad High-Speed Precision DifetOPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA404KU Datasheet(HTML) 3 Page - Texas Instruments

  OPA404KU Datasheet HTML 1Page - Texas Instruments OPA404KU Datasheet HTML 2Page - Texas Instruments OPA404KU Datasheet HTML 3Page - Texas Instruments OPA404KU Datasheet HTML 4Page - Texas Instruments OPA404KU Datasheet HTML 5Page - Texas Instruments OPA404KU Datasheet HTML 6Page - Texas Instruments OPA404KU Datasheet HTML 7Page - Texas Instruments OPA404KU Datasheet HTML 8Page - Texas Instruments OPA404KU Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
®
OPA404
ELECTRICAL (FULL TEMPERATURE RANGE SPECIFICATIONS)
At VCC = ±15VDC and TA = TMIN to TMAX unless otherwise noted.
OPA404AG, KP, KU
OPA404BG
OPA404SG
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
TEMPERATURE RANGE
Specification Range
Ambient Temperature
–25
+85
*
*
–55
+125
°C
KP, KU
0
+70
°C
INPUT
OFFSET VOLTAGE
Input Offset Voltage
VCM = 0VDC
±450
2mV
*
±1.5mV
±550
±2.5mV
µV
KP KU
±1
±3.5
mV
Average Drift
±3*
*
µV/°C
KP, KU
±5
µV/°C
Supply Rejection
75
96
80
*
70
93
dB
BIAS CURRENT
Input Bias Current
VCM = 0VDC
±32
±200
*
±100
±500
±5nA
pA
OFFSET CURRENT
Input Offset Current
VCM = 0VDC
17
100
*
50
260
2.5nA
pA
VOLTAGE RANGE
Common-Mode Input Range
±10 ±12.7, –10.6
*
*
±10 +12.6, –10.5
V
Common-Mode Rejection
VIN = ±10VDC
82
99
86
*
80
88
dB
KP, KU
80
99
dB
OPEN-LOOP GAIN, DC
Open-Loop Voltage Gain
RL ≥ 2kΩ
82
94
86
*
80
88
dB
RATED OUTPUT
Voltage Output
RL = 2kΩ±11.5 ±12.9, –13.8
*
*
±11 +12.7, –13.8
V
Current Output
VO = ±10VDC
±5
±9*
*
*
±8mA
Short Circuit Current
VO = 0VDC
±8
±20
±50
*
*
**
**
mA
POWER SUPPLY
Current, Quiescent
IO = 0mADC
9.3
10.5
*
*
9.4
11
mA
* Specification same as OPA404AG.
ORDERING INFORMATION
TEMPERATURE
MODEL
PACKAGE
RANGE
OPA404KP
14-Pin Plastic DIP
0
°C to +70°C
OPA404KU(1)
16-Pin Plastic SOIC
0
°C to +70°C
OPA404AG
14-Pin Ceramic DIP
–25
°C to +85°C
OPA404BG
14-Pin Ceramic DIP
–25
°C to +85°C
OPA404SG
14-Pin Ceramic DIP
–55
°C to +125°C
NOTE: (1) OPA404KU may be marked OPA404U.
PACKAGE INFORMATION
PACKAGE DRAWING
MODEL
PACKAGE
NUMBER(1)
OPA404KP
14-Pin Plastic DIP
010
OPA404KU(2)
16-Pin Plastic SOIC
211
OPA404AG
14-Pin Ceramic DIP
169
OPA404BG
14-Pin Ceramic DIP
169
OPA404SG
14-Pin Ceramic DIP
169
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix D of Burr-Brown IC Data Book. (2) OPA404KU may be
marked OPA404U.
PIN CONFIGURATION
Top View
“U” (SOIC) Package
Top View
“G” or “P” (DIP) Package
ABSOLUTE MAXIMUM RATINGS
Supply .............................................................................................
±18VDC
Internal Power Dissipation(1) ......................................................... 1000mW
Differential Input Voltage(2) .............................................................
±36VDC
Input Voltage Range(2) ...................................................................
±18VDC
Storage Temperature Range ... P, U = –40
°C/+125°C, G = –65°C/+150°C
Operating Temperature Range .. P, U = –25
°C/+85°C, G = –55°C/+125°C
Lead Temperature (soldering, 10s) .................................................... 300
°C
SOIC (soldering, 3s) ..................................................................... +260
°C
Output Short-Circuit Duration(3) ................................................. Continuous
Junction Temperature ....................................................................... +175
°C
NOTES: (1) Packages must be derated based on
θ
JC = 30°C/W or θJA = 120°C/W. (2) For supply voltages less than ±18VDC the absolute maximum input voltage is equal
to: 18V > VIN > –VCC – 8V. See Figure 2. (3) Short circuit may be to power supply common only. Rating applies to +25°C ambient. Observe dissipation limit and TJ.
A
B
D
C
1
2
3
4
5
6
7
Out A
–In A
+ In A
+ V
CC
+In B
– In B
Out B
14
13
12
11
10
9
8
Out D
–In D
+In D
–V
CC
+In C
–In C
Out C
A
B
D
C
1
2
3
4
5
6
7
8
Out A
–In A
+ In A
+ V
CC
+In B
– In B
Out B
NC
16
15
14
13
12
11
10
9
Out D
–In D
+In D
–V
CC
+In C
–In C
Out C
NC


Similar Part No. - OPA404KU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA404KU BURR-BROWN-OPA404KU Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA404KU TI1-OPA404KU Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
OPA404KU/1K TI1-OPA404KU/1K Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
OPA404KUG4 TI1-OPA404KUG4 Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA404KU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com