Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4580YFVMM Datasheet(PDF) 5 Page - Rohm

Part # BA4580YFVMM
Description  Automotive Low Noise Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4580YFVMM Datasheet(HTML) 5 Page - Rohm

  BA4580YFVMM Datasheet HTML 1Page - Rohm BA4580YFVMM Datasheet HTML 2Page - Rohm BA4580YFVMM Datasheet HTML 3Page - Rohm BA4580YFVMM Datasheet HTML 4Page - Rohm BA4580YFVMM Datasheet HTML 5Page - Rohm BA4580YFVMM Datasheet HTML 6Page - Rohm BA4580YFVMM Datasheet HTML 7Page - Rohm BA4580YFVMM Datasheet HTML 8Page - Rohm BA4580YFVMM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200500-1-2
©2013 ROHM Co., Ltd. All rights reserved.
5/27
25.Mar.2013 Rev.002
TSZ22111・15・001
BA4580Yxxx-M, BA4584YFV-M
○BA4584Y (Unless otherwise specified VCC=+15V, VEE=-15V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*9
Vio
-
0.3
3
mV
RS≦10k
Input Offset Current
*9
Iio
-
5
200
nA
-
Input Bias Current
*10
Ib
-
100
500
nA
-
Supply Current
ICC
-
11
17
mA
RL=∞, All Op-Amps, VIN+=0V
Maximum Output Voltage
VOM
±12
±13.5
-
V
RL≧2k
Large Signal Voltage Gain
AV
90
110
-
dB
RL≧10k
Ω, OUT=±10V
Input Common-mode Voltage Range
Vicm
±12
±13.5
-
V
-
Common-mode Rejection Ratio
CMRR
80
110
-
dB
RS≦10k
Power Supply Rejection Ratio
PSRR
80
110
-
dB
RS≦10k
Slew Rate
SR
-
5
-
V/
μsRL≧2kΩ
Gain Band Width
GBW
-
10
-
MHz
f=10kHz
Unity Gain Frequency
fT
-
5
-
MHz
RL=2k
Total Harmonic Distortion
+Noise
THD+N
-
0.0005
-
%
Av=20dB, OUT=5Vrms
RL=2k
f=1kHz, 20Hz~20kHz BPF
Input Referred Noise Voltage
Vn
-
5
-
Hz
nV/
RS=100
Ω, Vi=0V, f=1kHz
-
0.8
-
μVrms RIAA, RS=2.2kΩ, 30kHz LPF
Channel Separation
CS
-
110
-
dB
R1=100
Ω, f=1kHz
*9
Absolute value
*10
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA4580YFVMM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4580YFVMM ROHM-BA4580YFVMM Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA4580YFVMM

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4558YFV-M ROHM-BA4558YFV-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4558YF-M ROHM-BA4558YF-M Datasheet
480Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA4584YFV-M ROHM-BA4584YFV-M Datasheet
911Kb / 30P
   Automotive Low Noise Operational Amplifiers
BA4560YF-M ROHM-BA4560YF-M Datasheet
491Kb / 20P
   Automotive Low Noise Operational Amplifiers
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com