Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACASA1K1T220RP100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # ACASA1K1T220RP100
Description  Precision Thin Film Chip Resistor Array
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ACASA1K1T220RP100 Datasheet(HTML) 6 Page - Vishay Siliconix

  ACASA1K1T220RP100 Datasheet HTML 1Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 2Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 3Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 4Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 5Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 6Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 7Page - Vishay Siliconix ACASA1K1T220RP100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ACAS 0612 - Precision
www.vishay.com
Vishay Beyschlag
Revision: 12-Apr-13
6
Document Number: 28751
For technical questions, contact: thinfilmarray@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TESTS AND REQUIREMENTS
Essentially all tests are carried out in accordance with the
following specifications:
EN 60115-1, generic specification
EN 140400, sectional specification
EN 140401-801, detail specification
The testing also covers most of the requirements specified
by EIA/IS-703 and JIS-C-5202.
The tests are carried out in accordance with IEC 60068 (1)
and under standard atmospheric conditions according to
IEC 60068-1 (1)
, 5.3. Climatic category LCT/UCT/56 (rated
temperature range: Lower category temperature, upper
category temperature; damp heat, long term, 56 days) is
valid (LCT = - 55 °C/UCT = 125 °C).
Unless otherwise specified the following values apply:
Temperature: 15 °C to 35 °C
Relative humidity: 45 % to 75 %
Air pressure: 86 kPa to 106 kPa (860 mbar to 1060 mbar)
The requirements stated in the “Test Procedures and
Requirements” table are based on the required tests and
permitted limits of EN 140401-801 where applicable.
TEST PROCEDURES AND REQUIREMENTS
EN
60115-1
CLAUSE
IEC
60068-2 (1)
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
PERMISSIBLE CHANGE (2)
(
R)
Stability for product types:
ACAS 0612
47
 to 221 k
4.5
-
Resistance
-
± 0.1 % R
4.8.4.2
-
Temperature coefficient
At (20/-55/20) °C and
(20/125/20) °C
± 25 ppm/K; ± 15 ppm/K; ± 10 ppm/K
4.25.1
-
Endurance at 70 °C:
Precision operation mode
U =
or U = Umax.;
1.5 h on; 0.5 h off;
whichever is the less severe;
1000 h:
Absolute
Relative
± (0.1 % R + 0.05
)
± (0.05 % R + 0.05
)
8000 h:
Absolute
Relative
± (0.25 % R + 0.05
)
± (0.125 % R + 0.05
)
Endurance at 70 °C:
Standard operation mode
U =
or U = Umax.;
1.5 h on; 0.5 h off;
whichever is the less severe;
1000 h:
Absolute
Relative
± (0.25 % R + 0.05
)
± (0.125 % R + 0.05
)
8000 h:
Absolute
Relative
± (0.5 % R + 0.05
)
± (0.25 % R + 0.05
)
4.25.3
-
Endurance at upper
category temperature
85 °C; 1000 h:
Absolute
Relative
± (0.1 % R + 0.05
)
± (0.05 % R + 0.05
)
125
C; 1000 h:
Absolute
Relative
± (0.25 % R + 0.05
)
± (0.125 % R + 0.05
)
4.24
78 (Cab)
Damp heat,
steady state
(40 ± 2) °C; 56 days;
(93 ± 3) % RH
± (0.25 % R + 0.05
)
4.13
-
Short time overload (3)
Standard operation mode
U = 2.5 x
or
U = 2 x Umax.; 5 s
± (0.1 % R + 0.01
)
no visible damage
4.19
14 (Na)
Rapid change of
temperature
30 min at - 55 °C and
30 min at 125 °C;
5 cycles
± (0.1 % R + 0.01
)
no visible damage
P
70 x R
P
70 x R
P
70 x R


Similar Part No. - ACASA1K1T220RP100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASA1100A2200P1AT VISHAY-ACASA1100A2200P1AT Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACASA1100A2200P5AT VISHAY-ACASA1100A2200P5AT Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACASA1100B2200P1AT VISHAY-ACASA1100B2200P1AT Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACASA1100B2200P5AT VISHAY-ACASA1100B2200P5AT Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACASA1100E2200P1AT VISHAY-ACASA1100E2200P1AT Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
More results

Similar Description - ACASA1K1T220RP100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
   Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
ACAS0612AT VISHAY-ACAS0612AT Datasheet
142Kb / 6P
   Automotive Precision Thin Film Chip Resistor Array
Revision: 11-Sep-08
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
   Precision Thin Film Chip Resistor
7/8/2022
logo
Riedon Powertron
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
   Thin Film Precision Chip Resistor
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
   Precision Thin Film Chip Resistor
logo
Vishay Siliconix
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
Revision: 06-Nov-09
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
   Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
01-Jan-2022
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
   Professional Thin Film Chip Resistor Array
Revision: 11-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com