Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA404SG Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA404SG
Description  Quad High-Speed Precision DifetOPERATIONAL AMPLIFIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA404SG Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA404SG Datasheet HTML 4Page - Texas Instruments OPA404SG Datasheet HTML 5Page - Texas Instruments OPA404SG Datasheet HTML 6Page - Texas Instruments OPA404SG Datasheet HTML 7Page - Texas Instruments OPA404SG Datasheet HTML 8Page - Texas Instruments OPA404SG Datasheet HTML 9Page - Texas Instruments OPA404SG Datasheet HTML 10Page - Texas Instruments OPA404SG Datasheet HTML 11Page - Texas Instruments OPA404SG Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
®
OPA404
APPLICATIONS INFORMATION
OFFSET VOLTAGE ADJUSTMENT
The OPA404 offset voltage is laser-trimmed and will require
no further trim for most applications. If desired, offset volt-
age can be trimmed by summing (see Figure 1). With this
trim method there will be no degradation of input offset drift.
GUARDING AND SHIELDING
As in any situation where high impedances are involved,
careful shielding is required to reduce “hum” pickup in input
leads. If large feedback resistors are used, they should also
be shielded along with the external input circuitry.
Leakage currents across printed circuit boards can easily
exceed the bias current of the OPA404. To avoid leakage,
utmost care must be used in planning the board layout. A
“guard” pattern should completely surround the high imped-
ance input leads and should be connected to a low-impedance
point which is at the signal input potential. (See Figure 3).
FIGURE 2. Input Current vs Input Voltage with
±V
CC Pins
Grounded.
–15
–10
–5
0
+5
+10
+15
Input Voltage (V)
–2
+2
+1
–1
INPUT CURRENT vs INPUT VOLTAGE
WITH ±V
CC PINS GROUNDED
0
Maximum Safe Current
Maximum Safe Current
I
IN
V
FIGURE 3. Connection of Input Guard.
HANDLING AND TESTING
Measuring the unusually low bias current of the OPA404 is
difficult without specialized test equipment; most commer-
cial benchtop testers cannot accurately measure the OPA404
bias current. Low-leakage test sockets and special test
fixtures are recommended if incoming inspection of bias
current is to be performed.
To prevent surface leakage between pins, the DIP package
should not be handled by bare fingers. Oils and salts from
fingerprints or careless handling can create leakage currents
that exceed the specified OPA404 bias currents.
If necessary, DIP packages and PC board assemblies can be
cleaned with Freon TF®, baked for 30 minutes at 85
°C,
rinsed with de-ionized water, and baked again for 30 min-
utes at 85
°C. Surface contamination can be prevented by the
application of a high-quality conformal coating to the cleaned
PC board assembly.
–15V
+15V
±2mV
Offset
Trim
150k
100k
In
Out
20
1/4
OPA404
FIGURE 1. Offset Voltage Trim.
INPUT PROTECTION
Conventional monolithic FET operational amplifiers require
external current-limiting resistors to protect their inputs against
destructive currents that can flow when input FET gate-to-
substrate isolation diodes are forward-biased. Most BIFET
amplifiers can be destroyed by the loss of –VCC.
Unlike BIFET amplifiers, the Difet OPA404 requires input
current limiting resistors only if its input voltage is greater
than 8 volts more negative than –VCC. A 10kΩ series resistor
will limit the input current to a safe value with up to
±15V
input levels even if both supply voltages are lost. (See Figure
2 and Absolute Maximum Ratings).
Static damage can cause subtle changes in amplifier input
characteristics without necessarily destroying the device.
In precision operational amplifiers (both bipolar and FET
types), this may cause a noticeable degradation of offset
voltage and drift.
Static protection is recommended when handling any preci-
sion IC operational amplifier.
In
Out
Non-Inverting
In
Out
Buffer
In
Out
Inverting
For input guarding,
guard top and bottom of board.


Similar Part No. - OPA404SG

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA404SG BURR-BROWN-OPA404SG Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA404SG TI1-OPA404SG Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA404SG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA627AM TI1-OPA627AM Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
OPA627AU TI-OPA627AU Datasheet
982Kb / 23P
[Old version datasheet]   Precision High-Speed Difet 짰 OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
   Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA602 BURR-BROWN-OPA602 Datasheet
150Kb / 9P
   High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA602BPG4 TI-OPA602BPG4 Datasheet
405Kb / 15P
[Old version datasheet]   High-Speed Precision Difet OPERATIONAL AMPLIFIER
OPA627-DIE TI-OPA627-DIE Datasheet
110Kb / 6P
[Old version datasheet]   OPA627-DIE Precision High-Speed DIFET Operational Amplifier
OPA627 TI1-OPA627 Datasheet
1Mb / 37P
[Old version datasheet]   Precision High-Speed Difet Operational Amplifiers
OPA627 TI-OPA627_07 Datasheet
267Kb / 16P
[Old version datasheet]   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA627 BURR-BROWN-OPA627 Datasheet
256Kb / 13P
   Precision High-Speed Difet OPERATIONAL AMPLIFIERS
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com