Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8108-EB Datasheet(PDF) 8 Page - Analog Devices

Part # AD8108-EB
Description  325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8108-EB Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8108-EB Datasheet HTML 4Page - Analog Devices AD8108-EB Datasheet HTML 5Page - Analog Devices AD8108-EB Datasheet HTML 6Page - Analog Devices AD8108-EB Datasheet HTML 7Page - Analog Devices AD8108-EB Datasheet HTML 8Page - Analog Devices AD8108-EB Datasheet HTML 9Page - Analog Devices AD8108-EB Datasheet HTML 10Page - Analog Devices AD8108-EB Datasheet HTML 11Page - Analog Devices AD8108-EB Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
AD8108/AD8109
Rev. B | Page 7 of 32
Table 6. Operation Truth Table
CE
UPDATE
CLK
DATA IN
DATA OUT
RESET
SER/
PAR
Operation/Comment
1
X
X
X
X
X
X
No change in logic.
0
1
f
Datai
Datai-32
1
0
The data on the serial DATA IN line is loaded into serial register. The
first bit clocked into the serial register appears at DATA OUT 32 clocks
later.
0
1
f
D0 … D3,
A0 … A2
NA in parallel
mode
1
1
The data on the parallel data lines, D0 to D3, are loaded into the
32-bit serial shift register location addressed by A0 to A2.
0
0
X
X…
X
1
X
Data in the 32-bit shift register transfers into the parallel latches that
control the switch array. Latches are transparent.
X
X
X
X
X
0
X
Asynchronous operation. All outputs are disabled. Remainder of logic
is unchanged.
D
CLK
Q
S
D1
Q
D0
A0
A1
A2
CLK
CE
RESET
D
LE
OUT0
EN
Q
CLR
8
64
DATA IN
(SERIAL)
(OUTPUT ENABLE)
SER/PAR
OUT0 EN
DATA
OUT
PARALLEL DATA
DQ
CLK
S
D1
Q
D0
DQ
CLK
S
D1
Q
D0
DQ
CLK
S
D1
Q
D0
DQ
CLK
S
D1
Q
D0
D0
D1
D2
D3
DQ
CLK
S
D1
Q
D0
DQ
CLK
S
D1
Q
D0
DQ
CLK
S
D1
Q
D0
DQ
CLK
S
D1
Q
D0
D Q
CLK
S
D1
Q
D0
OUT1 EN
OUT2 EN
OUT3 EN
OUT4 EN
OUT5 EN
OUT6 EN
OUT7 EN
D
LE
OUT0
B2
Q
D
LE
OUT0
B1
Q
D
LE
OUT0
B0
Q
D
LE
OUT1
B0
Q
D
LE
OUT6
EN
Q
CLR
D
LE
OUT7
B0
Q
D
LE
OUT7
B1
Q
D
LE
OUT7
B2
Q
D
LE
OUT7
EN
Q
CLR
DECODE
OUTPUT ENABLE
SWITCH MATRIX
Figure 4. Logic Diagram


Similar Part No. - AD8108-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108-EB AD-AD8108-EB Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
More results

Similar Description - AD8108-EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8108 AD-AD8108_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8109 AD-AD8109_15 Datasheet
1,020Kb / 33P
   325 MHz, 8 8 Buffered Video Crosspoint Switches
REV. B
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8111 AD-AD8111_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_15 Datasheet
645Kb / 29P
   260 MHz, 16 8 Buffered Video Crosspoint Switches
REV. A
AD8111ASTZ AD-AD8111ASTZ Datasheet
645Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110ASTZ AD-AD8110ASTZ Datasheet
416Kb / 28P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8110 AD-AD8110 Datasheet
441Kb / 28P
   260 MHz, 16 x 8 Buffered Video Crosspoint Switches
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com