Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA4560RFVM-TR Datasheet(PDF) 6 Page - Rohm

Part # BA4560RFVM-TR
Description  Low Noise Operational Amplifiers
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA4560RFVM-TR Datasheet(HTML) 6 Page - Rohm

Back Button BA4560RFVM-TR Datasheet HTML 2Page - Rohm BA4560RFVM-TR Datasheet HTML 3Page - Rohm BA4560RFVM-TR Datasheet HTML 4Page - Rohm BA4560RFVM-TR Datasheet HTML 5Page - Rohm BA4560RFVM-TR Datasheet HTML 6Page - Rohm BA4560RFVM-TR Datasheet HTML 7Page - Rohm BA4560RFVM-TR Datasheet HTML 8Page - Rohm BA4560RFVM-TR Datasheet HTML 9Page - Rohm BA4560RFVM-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
6/41
7.SEP.2012 Rev.002
TSZ22111・15・00
BA4560xxx, BA4560Rxxx, BA4564RFV, BA4564WFV
○BA4564R (Unless otherwise specified VCC=+15V, VEE=-15V, Full range -40℃ to +105℃)
Parameter
Symbol
Temperature
Range
Limits
Unit
Condition
Min.
Typ.
Max.
Input Offset Voltage
*12
Vio
25℃
-
0.5
6
mV
VOUT=0V
Full range
-
-
7
Input Offset Current
*12
Iio
25℃
-
5
200
nA
VOUT=0V
Full range
-
-
200
Input Bias Current
*13
Ib
25℃
-
50
500
nA
VOUT=0V
Full range
-
-
800
Supply Current
ICC
25℃
-
6
14
mA
RL=∞, All Op-Amps
VIN+=0V
Full range
-
-
15
Maximum Output Voltage
VOM
25℃
±12
±14
-
V
RL≧2k
Full range
±10
±11.5
-
Io=25mA
Large Signal Voltage Gain
AV
25℃
86
100
-
dB
RL≧2k
Ω, VOUT=±10V
Vicm=0V
Full range
83
-
-
Input Common-mode Voltage Range
Vicm
25℃
±12
±14
-
V
VOUT=±12V
Full range
±12
-
-
Common-mode Rejection Ratio
CMRR
25℃
70
90
-
dB
VOUT=±12V
Power Supply Rejection Ratio
PSRR
25℃
76.5
90
-
dB
Ri≦10k
Channel Separation
CS
25℃
-
105
-
dB
R1=100
Ω, f=1kHz
Slew Rate
SR
25℃
-
4
-
V/
μs AV=0dB, RL=10kΩ
CL=100pF
Unity Gain Frequency
ft
25℃
-
4
-
MHz
RL=2k
Total Harmonic Distortion
THD+N
25℃
-
0.003
-
%
AV=20dB, RL=10k
VIN=0.05Vrms, f=1kHz
Input Referred Noise Voltage
Vn
25℃
-
8
-
Hz
nV/
RS=100
Ω, Vi=0V
f=1kHz
-
1.0
-
μVrms DIN-AUDIO
*12
Absolute value
*13
Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC.


Similar Part No. - BA4560RFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA4560RFVM-TR ROHM-BA4560RFVM-TR Datasheet
3Mb / 52P
   Low Noise Operational Amplifiers
More results

Similar Description - BA4560RFVM-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
   Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
   Low Noise Operational Amplifiers
logo
Texas Instruments
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534 Datasheet
314Kb / 15P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
   Operational Amplifiers: Low Noise
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
[Old version datasheet]   LOW-NOISE OPERATIONAL AMPLIFIERS
logo
Rohm
BA4510F-E2 ROHM-BA4510F-E2 Datasheet
963Kb / 49P
   Low Noise Operational Amplifiers
BA4580RF-E2 ROHM-BA4580RF-E2 Datasheet
957Kb / 49P
   Low Noise Operational Amplifiers
BA2107G ROHM-BA2107G_14 Datasheet
2Mb / 35P
   Low Noise Operational Amplifiers
BA8522RF-E2 ROHM-BA8522RF-E2 Datasheet
690Kb / 26P
   Low Noise Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com