Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10358F-E2 Datasheet(PDF) 3 Page - Rohm

Part # BA10358F-E2
Description  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10358F-E2 Datasheet(HTML) 3 Page - Rohm

  BA10358F-E2 Datasheet HTML 1Page - Rohm BA10358F-E2 Datasheet HTML 2Page - Rohm BA10358F-E2 Datasheet HTML 3Page - Rohm BA10358F-E2 Datasheet HTML 4Page - Rohm BA10358F-E2 Datasheet HTML 5Page - Rohm BA10358F-E2 Datasheet HTML 6Page - Rohm BA10358F-E2 Datasheet HTML 7Page - Rohm BA10358F-E2 Datasheet HTML 8Page - Rohm BA10358F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3/45
11.Jan.2013 Rev.002
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
Package
SOP8
SSOP-B8
MSOP8
SOP-J8
SOP14
SSOP-B14
SOP-J14
BA10358F
BA2904SF
BA2904F
BA2904WF
BA10358FV
BA2904SFV
BA2904FV
BA2904WFV
BA2904SFVM
BA2904FVM
BA10358FJ
BA10324AF
BA2902SF
BA2902F
BA10324AFV
BA2902SFV
BA2902FV
BA10324AFJ
●Ordering Information
B
A
x
x
x
x
x
x
x
x
-
x x
Part Number.
BA10358xx
BA10324Axx
BA2904xxx
BA2904Sxxx
BA2904Wxx
BA2902xx
BA2902Sxx
Package
F
: SOP8
SOP14
FV
: SSOP-B8
SSOP-B14
FVM : MSOP8
FJ
: SOP-J8
SOP-J14
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B8/
SSOP-B14/SOP-J8/SOP-J14)
TR: Embossed tape and reel
(MSOP8)
●Line-up
Topr
Input Offset
Voltage
(Max.)
Supply
Current
(Typ.)
Package
Orderable
Part Number
-40°C to +85°C
7mV
0.5mA
SOP8
Reel of 2500
BA10358F-E2
SOP-J8
Reel of 2500
BA10358FJ-E2
SSOP-B8
Reel of 2500
BA10358FV-E2
0.6mA
SOP14
Reel of 2500
BA10324AF-E2
SOP-J14
Reel of 2500
BA10324AFJ-E2
SSOP-B14
Reel of 2500
BA10324AFV-E2
-40°C to +105°C
0.5mA
SOP8
Reel of 2500
BA2904SF-E2
SSOP-B8
Reel of 2500
BA2904SFV-E2
MSOP8
Reel of 3000
BA2904SFVM-TR
0.7mA
SOP14
Reel of 2500
BA2902SF-E2
SSOP-B14
Reel of 2500
BA2902SFV-E2
-40°C to +125°C
0.5mA
SOP8
Reel of 2500
BA2904F-E2
SSOP-B8
Reel of 2500
BA2904FV-E2
MSOP8
Reel of 3000
BA2904FVM-TR
0.7mA
SOP14
Reel of 2500
BA2902F-E2
SSOP-B14
Reel of 2500
BA2902FV-E2
2mV
0.5mA
SOP8
Reel of 2500
BA2904WF-E2
SSOP-B8
Reel of 2500
BA2904WFV-E2


Similar Part No. - BA10358F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA10358F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com