Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA10358FJ-E2 Datasheet(PDF) 24 Page - Rohm

Part # BA10358FJ-E2
Description  Ground Sense Operational Amplifiers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10358FJ-E2 Datasheet(HTML) 24 Page - Rohm

Back Button BA10358FJ-E2 Datasheet HTML 20Page - Rohm BA10358FJ-E2 Datasheet HTML 21Page - Rohm BA10358FJ-E2 Datasheet HTML 22Page - Rohm BA10358FJ-E2 Datasheet HTML 23Page - Rohm BA10358FJ-E2 Datasheet HTML 24Page - Rohm BA10358FJ-E2 Datasheet HTML 25Page - Rohm BA10358FJ-E2 Datasheet HTML 26Page - Rohm BA10358FJ-E2 Datasheet HTML 27Page - Rohm BA10358FJ-E2 Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 48 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200130-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
24/45
11.Jan.2013 Rev.002
TSZ22111・15・001
BA10358xx, BA10324Axx, BA2904xxx, BA2904Sxxx, BA2904Wxx
BA2902xx, BA2902Sxx
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
0
10203040
SUPPLY VOLTAGE [V]
0. 0
0. 2
0. 4
0. 6
0. 8
1. 0
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
0
10
203040
SUPPLY VOLTAGE [V]
○BA2904, BA2904S, BA2904W
(*) The above data is measurement value of typical sample, it is not guaranteed.
BA2904, BA2904W:-40℃ to +125℃
BA2904S:-40℃ to +105℃
36V
5V
3V
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
.
BA2904F
BA2904WF
BA2904SF
BA2904FV
BA2904WFV
BA2904SFV
BA2904FVM
BA2904SFVM
105
125℃
105℃
-40℃
25℃
125℃
105℃
-40℃
25℃
Figure 50.
Derating Curve
Figure 52.
Supply Current – Ambient Temperature
Figure 51.
Supply Current- Supply Voltage
Figure 53.
Maximum Output Voltage - Supply Voltage
(RL=10k
Ω)


Similar Part No. - BA10358FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358FJ-E2 ROHM-BA10358FJ-E2 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA10358FJ-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA2904F-E2 ROHM-BA2904F-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com