Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7562FVMTR Datasheet(PDF) 5 Page - Rohm

Part # BD7562FVMTR
Description  High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7562FVMTR Datasheet(HTML) 5 Page - Rohm

  BD7562FVMTR Datasheet HTML 1Page - Rohm BD7562FVMTR Datasheet HTML 2Page - Rohm BD7562FVMTR Datasheet HTML 3Page - Rohm BD7562FVMTR Datasheet HTML 4Page - Rohm BD7562FVMTR Datasheet HTML 5Page - Rohm BD7562FVMTR Datasheet HTML 6Page - Rohm BD7562FVMTR Datasheet HTML 7Page - Rohm BD7562FVMTR Datasheet HTML 8Page - Rohm BD7562FVMTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
BD7561G,BD7561SG,BD7541G,BD7541SG,
BD7562F/FVM,BD7562SF/FVM, BD7542F/FVM,BD7542SF/FVM
Technical Note
5/20
www.rohm.com
2012.09 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
0
3
6
9
12
15
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
-60
-30
0
30
60
90
120
AMBIENT TEMPERATURE [°C]
0
20
40
60
80
8
9
10
11
12
13
OUTPUT VOLTAGE [V]
4
8
12
16
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
48
12
16
SUPPLY VOLTAGE [V]
0
20
40
60
80
100
-1
0123
OUTPUT VOLTAGE [V]
4
8
12
16
48
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
0
50
100
150
AMBIENT TEMPERATURE [°C]
0
10
20
30
40
48
12
16
SUPPLY VOLTAGE [V]
0
200
400
600
800
-60
-30
0
306090
120
AMBIENT TEMPERATURE [°C]
0
200
400
600
800
050
100
150
AMBIENT TEMPERATURE [°C]
●Example of electrical characteristics
○BD7561 family
Output Sink Current – Ambient Temperature
(VOUT=VDD-11.6[V])
Output Source Current – Ambient
Temperature(VOUT=VDD-0.4[V])
Output Sink Current – Output Voltage
(VDD=12[V])
Output Source Current – Output Voltage
(VDD=12[V])
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
BD7561 family
(*)The above data is ability value of sample, it is not guaranteed. BD7561:-40[℃]~+85[℃]
BD7561S:-40[℃]~+105[℃]
14.5V
5V
12V
BD7561G
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
BD7561SG
105℃
85℃
25℃
-40℃
14.5V
5V
12V
105℃
85℃
25℃
-40℃
14.5V
5V
12V
Output Voltage Low – Supply Voltage
(RL=10[k
Ω])
Supply Current – Supply Voltage
Supply Current – Ambient Temperature
Output Voltage High – Supply Voltage
(RL=10[k
Ω])
Output Voltage High – Ambient Temperature
(RL=10[k
Ω])
Output Voltage Low – Ambient Temperature
(RL=10[k
Ω])
Derating Curve
Derating Curve
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Fig. 5
Fig. 6
Fig. 7
Fig. 8
Fig. 9
Fig. 10
Fig. 11
Fig. 12


Similar Part No. - BD7562FVMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7562FVM ROHM-BD7562FVM Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7562FVM ROHM-BD7562FVM Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BD7562FVM-TR ROHM-BD7562FVM-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
More results

Similar Description - BD7562FVMTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7561G ROHM-BD7561G_09 Datasheet
546Kb / 21P
   High Voltage Operation CMOS Operational Amplifiers:Input/Output Full Swing
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
BU7261G ROHM-BU7261G_10 Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
BU7264FV ROHM-BU7264FV Datasheet
932Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BU7294F ROHM-BU7294F Datasheet
765Kb / 30P
   Input/Output Full Swing High Slew Rate Low Voltage CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7242YFVM-C ROHM-BU7242YFVM-C Datasheet
2Mb / 26P
   Input/Output Full Swing Low Supply Current CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com