Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1212YRUZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADG1212YRUZ
Description  Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1212YRUZ Datasheet(HTML) 5 Page - Analog Devices

  ADG1212YRUZ Datasheet HTML 1Page - Analog Devices ADG1212YRUZ Datasheet HTML 2Page - Analog Devices ADG1212YRUZ Datasheet HTML 3Page - Analog Devices ADG1212YRUZ Datasheet HTML 4Page - Analog Devices ADG1212YRUZ Datasheet HTML 5Page - Analog Devices ADG1212YRUZ Datasheet HTML 6Page - Analog Devices ADG1212YRUZ Datasheet HTML 7Page - Analog Devices ADG1212YRUZ Datasheet HTML 8Page - Analog Devices ADG1212YRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADG1211/ADG1212/ADG1213
Rev. B | Page 5 of 16
SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Y Version1
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
300
Ω typ
VS = 0 V to 10 V, IS = −1 mA; see Figure 20
475
567
625
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between
Channels (∆RON)
4.5
Ω typ
VS = 0 V to 10 V, IS = −1 mA
12
26
27
Ω max
On Resistance Flatness (RFLAT(ON))
60
Ω typ
VS = 3 V/6 V/9 V, IS = −1 mA
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 21
±0.1
±0.6
±1
nA max
Drain Off Leakage, ID (Off)
±0.02
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 21
±0.1
±0.6
±1
nA max
Channel On Leakage, ID, IS (On)
±0.02
nA typ
VS = VD = 1 V or 10 V; see Figure 22
±0.1
±0.6
±1
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.001
µA typ
VIN = VINL or VINH
±0.1
µA max
Digital Input Capacitance, CIN
3
pF typ
DYNAMIC CHARACTERISTICS2
tON
130
ns typ
RL = 300 Ω, CL = 35 pF
170
210
240
ns max
VS = 8 V; see Figure 23
tOFF
95
ns typ
RL = 300 Ω, CL = 35 pF
120
145
180
ns max
VS = 8 V; see Figure 23
Break-Before-Make Time Delay, tD
50
ns typ
RL = 300 Ω, CL = 35 pF
(ADG1213 Only)
10
ns min
VS1 = VS2 = 8 V; see Figure 24
Charge Injection
0
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF; see Figure 25
Off Isolation
80
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 26
Channel-to-Channel Crosstalk
90
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 27
−3 dB Bandwidth
900
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 28
CS (Off)
1.2
pF typ
VS = 6 V, f = 1 MHz
1.4
pF max
VS = 6 V, f = 1 MHz
CD (Off)
1.3
pF typ
VS = 6 V, f = 1 MHz
1.5
pF max
VS = 6 V, f = 1 MHz
CD, CS (On)
3.2
pF typ
VS = 6 V, f = 1 MHz
3.9
pF max
VS = 6 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 13.2 V
IDD
0.001
µA typ
Digital inputs = 0 V or VDD
1.0
µA max
IDD
220
µA typ
Digital inputs = 5 V
1.0
µA max
VDD
5/165
V min/max
VSS = 0 V, GND = 0 V
1
Temperature range for Y version is
−40°C to +125°C.
2
Guaranteed by design, not subject to production test.


Similar Part No. - ADG1212YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212YRU AD-ADG1212YRU Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
More results

Similar Description - ADG1212YRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1201 AD-ADG1201 Datasheet
293Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS짰 Dual SPST Switches
REV. A
ADG1211 AD-ADG1211 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1204 AD-ADG1204_09 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
ADG1219 AD-ADG1219 Datasheet
308Kb / 17P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB
ADG1236 AD-ADG1236 Datasheet
225Kb / 16P
   2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Rev. PrD
logo
Vishay Siliconix
DG441LE VISHAY-DG441LE Datasheet
331Kb / 18P
   Low Charge Injection and Leakage, Quad SPST Switches
Rev. A, 07-Mar-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com